Electronic Components Datasheet Search
  English  ▼

X  

ADS7891 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7891
Description  14-BIT,3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7891 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS7891 Datasheet HTML 20Page - Texas Instruments ADS7891 Datasheet HTML 21Page - Texas Instruments ADS7891 Datasheet HTML 22Page - Texas Instruments ADS7891 Datasheet HTML 23Page - Texas Instruments ADS7891 Datasheet HTML 24Page - Texas Instruments ADS7891 Datasheet HTML 25Page - Texas Instruments ADS7891 Datasheet HTML 26Page - Texas Instruments ADS7891 Datasheet HTML 27Page - Texas Instruments ADS7891 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
ADS7891
SLAS410 − DECEMBER 2003
www.ti.com
24
21
Ω
0.1
µF
1
µF
0.1
µF
1
µF
Analog Input
Circuit
21
Ω
+VA
AGND
REFOUT
REFIN
REFM
+IN
−IN
ADS7891
Analog 5 V
AGND
AGND
Figure 38. Using Internal Reference
21
Ω
ADS7891
21
Ω
+IN
−IN
680 pF
12
Ω
_
+
THS4031
1 k
Ω
130 pF
1 k
Ω
100
Ω
1 nF
1 k
Ω
3 k
Ω
2.5 V DC
Bipolar Signal Input (
+1.25 Vp−p)
AGND
AGND
Figure 39. Typical Analog Input Circuit
CS
BYTE
CONVST
DB[13:6]
BUSY
ADS7891
Microcontroller
RD
RD
INT
P[7:0]
GPIO
GPIO
GPIO
Figure 40. Interfacing With Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com