Electronic Components Datasheet Search
  English  ▼

X  

ADS7891 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7891
Description  14-BIT,3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7891 Datasheet(HTML) 3 Page - Texas Instruments

  ADS7891 Datasheet HTML 1Page - Texas Instruments ADS7891 Datasheet HTML 2Page - Texas Instruments ADS7891 Datasheet HTML 3Page - Texas Instruments ADS7891 Datasheet HTML 4Page - Texas Instruments ADS7891 Datasheet HTML 5Page - Texas Instruments ADS7891 Datasheet HTML 6Page - Texas Instruments ADS7891 Datasheet HTML 7Page - Texas Instruments ADS7891 Datasheet HTML 8Page - Texas Instruments ADS7891 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
ADS7891
SLAS410 − DECEMBER 2003
www.ti.com
3
SPECIFICATIONS
TA = −40°C to 85°C, +VA = 5 V, +VBD = 5 V or 3.3 V, Vref = 2.5 V, fsample = 3 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input span(1)
+IN – (−IN)
0
Vref
V
Absolute input range
+IN
−0.2
Vref + 0.2
V
Absolute input range
−IN
−0.2
+0.2
V
Input capacitance
27
pF
Input leakage current
500
pA
SYSTEM PERFORMANCE
Resolution
14
Bits
No missing codes
14
Bits
Integral linearity(2)
−1.5
±0.75
1.5
LSB(3)
Differential linearity
−1
±0.75
1.5
LSB(3)
Offset error(4)
External reference
−1.5
±0.2
1.5
mV
Gain error(4)
External reference
−1
±0.2
1
mV
Common-mode rejection ratio
With common mode input signal = 200
mVp−p at 1 MHz
60
dB
Power supply rejection
At 3FF0H output code,
+VA = 4.75 V to 5.25 V , Vref = 2.50 V
80
dB
SAMPLING DYNAMICS
Conversion time
+VDB = 5 V
255
273
nsec
Conversion time
+VDB = 3 V
273
nsec
Acquisition time
+VDB = 5 V
60
78
nsec
Acquisition time
+VDB = 3 V
60
nsec
Maximum throughput rate
3
MHz
Aperture delay
2
nsec
Aperture jitter
20
psec
Step response
50
nsec
Over voltage recovery
50
nsec
DYNAMIC CHARACTERISTICS
(5)
VIN = 2.496 Vp−p at 100 kHz/2.5 Vref
−93
Total harmonic distortion(5)
VIN = 2.496 Vp−p at 1 MHz/2.5 Vref
−88.5
−87
dB
Total harmonic distortion(5)
VIN = 2.496 Vp−p at 1.4 MHz/2.5 Vref
−79.5
dB
VIN = 2.496 Vp−p at 100 kHz/2.5 Vref
78.5
SNR
VIN = 2.496 Vp−p at 1 MHz/2.5 Vref
78
dB
SNR
VIN = 2.496 Vp−p at 1.4 MHz/2.5 Vref
75
dB
VIN = 2.496 Vp−p at 100 kHz/2.5 Vref
78
SINAD
VIN = 2.496 Vp−p at 1 MHz/2.5 Vref
77
dB
SINAD
VIN = 2.496 Vp−p at 1.4 MHz/2.5 Vref
73.8
dB
SFDR
VIN = 2.496 Vp−p at 1 MHz/2.5 Vref
88
90
dB
−3 dB Small signal bandwidth
50
MHz
EXTERNAL REFERENCE INPUT
Input VREF range
2.4
2.5
2.6
V
Resistance(6)
500
k
Ω
(1) Ideal input span; does not include gain or offset error.
(2) This is endpoint INL, not best fit.
(3) LSB means least significant bit.
(4) Measured relative to actual measured reference.
(5) Calculated on the first nine harmonics of the input frequency.
(6) Can vary ±20%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com