Electronic Components Datasheet Search
  English  ▼

X  

SFH3710 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # SFH3710
Description  This application note introduces ambient light sensing on a general level. The different types of ambient light sensors are described and related to specific applications.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3710 Datasheet(HTML) 8 Page - OSRAM GmbH

  SFH3710 Datasheet HTML 1Page - OSRAM GmbH SFH3710 Datasheet HTML 2Page - OSRAM GmbH SFH3710 Datasheet HTML 3Page - OSRAM GmbH SFH3710 Datasheet HTML 4Page - OSRAM GmbH SFH3710 Datasheet HTML 5Page - OSRAM GmbH SFH3710 Datasheet HTML 6Page - OSRAM GmbH SFH3710 Datasheet HTML 7Page - OSRAM GmbH SFH3710 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
29.06.2006
Page 8 of 8
Parameter
SFH 3410
SFH 3710
SFH 2430
SFH 5711
Functionality
Phototransistor
Phototransistor
Photodiode
Opto hybrid
(Diode + IC)
package
SmartDIL
ChipLED
DIL
ChipLED
Size
(LxWxH)[mm]
4.6 x 2.0 x 1.1
2.0 x 1.6 x 0.8
3.8 x 4.4 x 1.1
2.8 x 2.2 x 1.1
Top [°C]
-40 … +100
-40 … + 85
- 40 … + 100
- 40 …. + 100
Wavelength of
max. sensitivity
570nm
570nm
570nm
560nm
Radiant sensitive
Area [mm²]
0.29
0.29
7.65
0.16
Tcoeff [%/K]
1
1
0.16
0.3
(see datasheet)
Linearity
~10%
5
~10%
5
~1%
3% deviation from
logarithmic. curve
Photocurrent
Ipce [
µA]
@ Ev = 1000lx
500
500
5.8
30
( logarithmic
Output )
Sensitivity
Binning
Factor 1:2 of
detected illuminance
+-15%
Factor 1:2 of
detected illuminance
Qualification
profile
automotive
consumer/industrial
automotive
automotive
Table 3: Main characteristics of the different ambient light sensor devices by OSRAM
Authors: Dr. Christine Rüth, Andreas Vogler, Wilhelm Karsten
About Osram Opto Semiconductors
Osram Opto Semiconductors GmbH, Regensburg, is a wholly owned subsidiary of Osram GmbH,
one of the world’s three largest lamp manufacturers, and offers its customers a range of solutions
based on semiconductor technology for lighting, sensor and visualisation applications. The
company operates facilities in Regensburg (Germany), San José (USA) and Penang (Malaysia).
Further information is available at www.osram-os.com.
All information contained in this document has been checked with the greatest care. OSRAM Opto
Semiconductors GmbH can however, not be made liable for any damage that occurs in connection
with the use of these contents.
5 This value increases below 10lx (see Figure 7).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com