Electronic Components Datasheet Search
  English  ▼

X  

SFH3710 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH3710
Description  This application note introduces ambient light sensing on a general level. The different types of ambient light sensors are described and related to specific applications.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3710 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH3710 Datasheet HTML 1Page - OSRAM GmbH SFH3710 Datasheet HTML 2Page - OSRAM GmbH SFH3710 Datasheet HTML 3Page - OSRAM GmbH SFH3710 Datasheet HTML 4Page - OSRAM GmbH SFH3710 Datasheet HTML 5Page - OSRAM GmbH SFH3710 Datasheet HTML 6Page - OSRAM GmbH SFH3710 Datasheet HTML 7Page - OSRAM GmbH SFH3710 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
29.06.2006
page 5 of 8
Sensitivity Variation
Due to the manufacturing process ambient
light sensors of different production lots will
yield
different
outputs
for
the
same
illuminance. The magnitude of this sensitivity
variation depends on the sensor type. To
account for this, some ambient light sensors
are offered in defined sensitivity bins. These
are described in the datasheets and in the
application notes of the respective sensors.
The
sensitivity
variation
can
also
be
overcome by calibrating the assembled unit
in the production line.
Accuracy
of
the
ambient
light
measurement
Several factors determine the accuracy of an
ambient light measurement:
• Spectral sensitivity:
High detector sensitivity for IR results in
low
accuracy
of
the
brightness
measurement.
• Temperature coefficient:
The output current of photo detectors
varies with the operating temperature.
Large temperature coefficients result in
brightness measurement deviations at
very high and low temperatures.
• Linearity:
Linearity describes the deviation from
the
photo
current
-
illuminance
correlation function.
• Sensitivity variation
• System
errors
such
as
resistors,
calibration, etc.
Each
of
these
effects
contributes
with
different magnitude to the ambient light
measurement accuracy. Table 2 provides an
overview of these characteristics for different
detector types.
Different types of ambient light
sensors
OSRAM OS offers three different types of
ambient light sensors. Table 2 provides a
selection guide for the different types and
gives an overview of these types with their
main criteria.
Phototransistor
Photodiode
Opto Hybrid (Diode +
IC)
Device
SFH 3410, SFH 3710
SFH 2430
SFH 5711
Output signal
high
low
high
Linearity
good
highest
high
3
Temperature
coefficient
high
lowest
low
Sensitivity
variation
Factor 1:2 in
illuminance per
sensitivity bin
+-15%
Factor 1:2 in illuminance
per sensitivity bin
Photo current –
illuminance
correlation
Linear
Linear
Logarithmic
(high accuracy over
entire dynamic range)
Spectral
sensitivity
Low IR contribution
Low IR contribution
perfect V-
λ characteristic
Size
Small
Large
medium
Table 2: Selection guide for OSRAM ambient light sensors. Different types with their main
characteristics.
3 For the SFH 5711, this term refers to the deviation from the logarithmic curve.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com