Electronic Components Datasheet Search
  English  ▼

X  

SFH2430 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH2430
Description  This application note introduces ambient light sensing on a general level. The different types of ambient light sensors are described and related to specific applications.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2430 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH2430 Datasheet HTML 1Page - OSRAM GmbH SFH2430 Datasheet HTML 2Page - OSRAM GmbH SFH2430 Datasheet HTML 3Page - OSRAM GmbH SFH2430 Datasheet HTML 4Page - OSRAM GmbH SFH2430 Datasheet HTML 5Page - OSRAM GmbH SFH2430 Datasheet HTML 6Page - OSRAM GmbH SFH2430 Datasheet HTML 7Page - OSRAM GmbH SFH2430 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
29.06.2006
page 1 of 8
Ambient Light Sensors
General Application Note
Abstract
This application note introduces ambient
light sensing on a general level. The
different types of ambient light sensors are
described
and
related
to
specific
applications.
Introduction
OSRAM OS offers a variety of ambient light
sensors. This application note introduces the
basic facts of ambient light sensing and
describes
the
characteristics
of
various
ambient light sensors. Detailed application
notes for specific sensor types are available.
Applications for ambient light
sensors
Ambient light sensors are photo detectors
which are designed to perceive brightness in
the same way as human eyes do. They are
used wherever the settings of a system have
to be adjusted to the ambient light conditions
as perceived by humans. The below list
describes typical applications for ambient
light sensors:
• Saving battery power.
Ambient light sensors provide power
saving solutions for hand-held electronic
devices such as PDAs, mobile phones
and notebook PCs. Nearly all LCD
displays and keypads have backlighting.
Studies have shown that backlighting is
only required about 40% of the time. An
automatic adjustment (auto dimming) of
the backlight offers considerable power
savings.
• Automatic dimming of flat panel displays
such as LCD screens to maintain the
same
display
appearance
under
all
lighting conditions from darkness to
bright sunlight.
• Automatic dimming of instruments in
automobiles to ensure reliable visibility
under all circumstances.
• Automatic dimming of lamps for office
buildings, exterior lightings and traffic
signals.
• Headlamp control in cars improves road
safety by automatically turning on the
lights in twilight or when entering a
tunnel.
Basic facts about ambient light
sensing
Brightness
Brightness is a term that describes how
intense a light source is perceived by the
human eye. Brightness is measured in units
called “LUX”. Light sources with the same
LUX level appear at the same brightness to
the human eye. Table 1 shows the bright-
ness (LUX measurement) of some everyday
light
sources.
The
technical
term
for
brightness is illuminance.
Light source
brightness
[Lux]
candle (1m distance)
1
street light
20
office desk lighting
750
overcast day
3000
overcast sunny day
20 000
direct sunlight
100 000
Table 1: Lux measurement of every day
light sources.
Spectral sensitivity
Spectral sensitivity relates to where on the
light spectrum a sensor is most effective.


Similar Part No. - SFH2430

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH2430 OSRAM-SFH2430 Datasheet
204Kb / 6P
Silicon Photodiode with V貫 Characteristics
SFH2430 OSRAM-SFH2430 Datasheet
440Kb / 12P
Silicon Photodiode with V Characteristic
logo
ams AG
SFH2430 AMSCO-SFH2430 Datasheet
806Kb / 17P
DIL SMT Ambient Light Sensor Silicon Photodiode with Vλ Characteristic
Version 1.4 2021-06-08
logo
OSRAM GmbH
SFH2430 OSRAM-SFH2430_18 Datasheet
440Kb / 12P
Silicon Photodiode with V Characteristic
More results

Similar Description - SFH2430

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
APS-16D25-11-DF8-TR8 EVERLIGHT-APS-16D25-11-DF8-TR8 Datasheet
679Kb / 14P
Ambient light sensing
logo
STMicroelectronics
AN3269 STMICROELECTRONICS-AN3269 Datasheet
217Kb / 19P
This application note introduces some
16-Sep-2010
VL6180X STMICROELECTRONICS-VL6180X Datasheet
1Mb / 79P
Proximity and ambient light sensing (ALS) module
August 2014 Rev 6
logo
ams AG
TCS3430 AMSCO-TCS3430 Datasheet
724Kb / 38P
The device features advanced digital Ambient Light Sensing
logo
OSRAM GmbH
LRTBGVSG OSRAM-LRTBGVSG Datasheet
753Kb / 31P
Ambient light
SFH2200FAA01 OSRAM-SFH2200FAA01 Datasheet
993Kb / 17P
Remote Control, Proximity, Ambient Light Sensing
SFH2711A01 OSRAM-SFH2711A01 Datasheet
957Kb / 15P
Ambient Light Sensors
SFH2716A01 OSRAM-SFH2716A01 Datasheet
830Kb / 16P
Ambient Light Sensors
SFH2770A01 OSRAM-SFH2770A01 Datasheet
866Kb / 16P
Ambient Light Sensors
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_V01 Datasheet
118Kb / 5P
Ambient Light Sensors
20-Aug-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com