Electronic Components Datasheet Search
  English  ▼

X  

SFH2430 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH2430
Description  This application note introduces ambient light sensing on a general level. The different types of ambient light sensors are described and related to specific applications.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2430 Datasheet(HTML) 6 Page - OSRAM GmbH

  SFH2430 Datasheet HTML 1Page - OSRAM GmbH SFH2430 Datasheet HTML 2Page - OSRAM GmbH SFH2430 Datasheet HTML 3Page - OSRAM GmbH SFH2430 Datasheet HTML 4Page - OSRAM GmbH SFH2430 Datasheet HTML 5Page - OSRAM GmbH SFH2430 Datasheet HTML 6Page - OSRAM GmbH SFH2430 Datasheet HTML 7Page - OSRAM GmbH SFH2430 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
29.06.2006
page 6 of 8
In short, phototransistors are small devices,
with
good
functionality,
whereas
photodiodes offer high performance at a
larger size.
The opto hybrid SFH 5711 is superior to
both devices in terms of spectral sensitivity
and dynamic range, as it combines high
accuracy over the entire brightness range
with
low
temperature
dependence
and
perfect human eye characteristics. Please
see the SFH 5711 application note for more
information
about
this
high
accuracy
ambient light sensor.
Figure 8 shows the spectral sensitivity of all
OSRAM ambient light sensors. Starting from
standard
Si,
it
has
been
continuously
improved and has reached perfection with
the SFH 5711.
The resulting accuracy of the ambient light
measurement for different lamp types is
shown in Figure 9. There the signals of each
photo detector type for the different light
sources are normalized to standard light A
(2865 K), which is a standard point of
reference for brightness. Figure 9 shows
how the signals of each detector type vary
with respect to the different light sources.
This variation is an indication for the
accuracy of the brightness measurement,
which can be achieved with this detector.
For a standard Si detector, for instance, the
maximum deviation is found between light
bulbs and fluorescent lamps and amounts to
over 90%. The same value is below 2% for
the SFH 5711.
Figure 8: spectral sensitivity of all OSRAM ambient light detectors compared to a
standard Si-photo detector and the human eye (V-lambda)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com