Electronic Components Datasheet Search
  English  ▼

X  

SFH309FA Datasheet(PDF) 14 Page - OSRAM GmbH

Part # SFH309FA
Description  Emitters and Detectors for Infrared (IR) Touchscreens
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH309FA Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button SFH309FA Datasheet HTML 6Page - OSRAM GmbH SFH309FA Datasheet HTML 7Page - OSRAM GmbH SFH309FA Datasheet HTML 8Page - OSRAM GmbH SFH309FA Datasheet HTML 9Page - OSRAM GmbH SFH309FA Datasheet HTML 10Page - OSRAM GmbH SFH309FA Datasheet HTML 11Page - OSRAM GmbH SFH309FA Datasheet HTML 12Page - OSRAM GmbH SFH309FA Datasheet HTML 13Page - OSRAM GmbH SFH309FA Datasheet HTML 14Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
August 13, 2010
page 14 of 14
Author: Hubert Halbritter
About Osram Opto Semiconductors
Osram Opto Semiconductors GmbH, Regensburg, is a wholly owned subsidiary of Osram GmbH,
one of the world’s three largest lamp manufacturers, and offers its customers a range of solutions
based on semiconductor technology for lighting, sensor and visualisation applications. The
company operates facilities in Regensburg (Germany), Sunnyvale (USA) and Penang (Malaysia).
Further information is available at www.osram-os.com.
All information contained in this document has been checked with the greatest care. OSRAM Opto
Semiconductors GmbH can however, not be made liable for any damage that occurs in connection
with the use of these contents.
Windows is a registered trademark of Microsoft Corporation in the United States and other countries.
Emitters
Part Number
Photograph
Wavelength
Package
Typ. Radiant Intensity, Ie /
Half-Angle,
ϕ
SFH4740
850 nm
OSTAR
®
Observation
1200 mW/sr (1 A)
± 60°
SFH4750
850 nm
OSTAR
® Lighting
1000 mW/sr (1 A)
± 70°
SFH4751
940 nm
OSTAR
® Lighting
900 mW/sr (1 A)
± 70°
SFH4232
850 nm
DRAGON LED
180 mW/sr (1 A)
± 60°
SFH4235
850 nm
DRAGON LED
320 mW/sr (1 A)
± 60°
SFH4233
940 nm
DRAGON LED
170 mW/sr (1 A)
± 60°
Table 6: Selection guide (part V): Several suitable OSRAM emitter products for projector-
based touchscreen applications with diffuse illumination (DI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com