Electronic Components Datasheet Search
  English  ▼

X  

SFH309FA Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH309FA
Description  Emitters and Detectors for Infrared (IR) Touchscreens
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH309FA Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH309FA Datasheet HTML 2Page - OSRAM GmbH SFH309FA Datasheet HTML 3Page - OSRAM GmbH SFH309FA Datasheet HTML 4Page - OSRAM GmbH SFH309FA Datasheet HTML 5Page - OSRAM GmbH SFH309FA Datasheet HTML 6Page - OSRAM GmbH SFH309FA Datasheet HTML 7Page - OSRAM GmbH SFH309FA Datasheet HTML 8Page - OSRAM GmbH SFH309FA Datasheet HTML 9Page - OSRAM GmbH SFH309FA Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
August 13, 2010
page 6 of 14
devices, whereas the latter uses narrow-
angle IREDs, necessary to achieve total
internal reflection. It is worth to mention that
the
emitting
light
guides
radiation
characteristics depend on the design of the
outcoupling structures and the emitter’s
radiation characteristics in combination with
the coupling arrangement. To support
design activities OSRAM provides raytrace
models, available at the OSRAM website.
For narrow-angle applications, the e.g.
MIDLED® SFH46XX series provides a viable
solution, whereas the TOPLED® SFH42XX
without lens family is an excellent choice for
standard wide-angle requirements. Both
feature slim packages and a flat-top to
minimize the air-gap between the fiber and
the IRED.
3.4 Projector-based with Diffuse
Illumination
In projector-based touchscreens with IR
illumination from the backside it is desirable
to achieve a diffuse and homogenous
illumination. Suitable high power products
are the DRAGON IRED series (SFH423X).
In
large
projector
applications
it
is
recommended to split the screen into
subscreens and use several IRED-arrays for
illumination
purpose.
Alternatively
high
power
IRED-based
modules
with
homogenous
and
diffuse
fields
are
recommended, like the OSRAM OSTAR®
Observation product family (SFH47XX).
3.5 Projector-based with FTIR
The
FTIR
principle
features
different
aspects. The mathematics behind is based
on Snell’s law: n
1·sin( ε 1) = n2·sin( ε 2), with
ε as the angle between the surface normal
and the light path and n as the refractive
index of the material (see Fig. 6 for an
illustration). Using Snell’s law, the boundary
condition for total internal reflection at the
glass – air interface is around
ε
c = 42°
(assuming a refractive index of around n
2 =
1.49 for acrylic glass).
To achieve efficient FTIR a high number of
total internal reflections per unit length inside
the acrylic glass are desirable.
Direct coupling (also called butt coupling,
like depicted on the left side in Fig. 5),
employs IREDs with a wide half-angle to
achieve this target.
However, to increase the level of internal
reflections (increasing the light density to
achieve a more efficient FTIR) it might be
preferable to couple light into the acrylic
glass under angled conditions. This can be
achieved efficiently by either tilting the
standard wide-angle emitter by e.g. 45° or
by an inclined glass edge (see also Fig. 5,
coupling from the right side). A suitable
arrangement is e.g. cutting the glass edge
up to around
γ
g
≈ 35°. To ensure a
maximum
of
total
internal
reflections
simultaneously with a high power density,
components with a high radiant intensity and
narrow half-angle are recommended. Under
above conditions, emitters with a half-angle
of up to around 15° are preferable.
Compared to wide-angle emitters, narrow-
angle
IREDs
might
require
a
tighter
component spacing to avoid ‘dark’ spots
close to the coupling location.
To ensure a high coupling efficiency and
minimal Fresnel-losses (which typ. add up to
at least 2 x 4 % at the emitter – air-gap –
glass interfaces) a plain cut glass surface is
n1=1.0
n2=1.5
1 =
c
1
2
IRED
2 = 90°
total
internal reflection
refraction
n2=1.5
n1=1.0
total internal reflection
ε
ε
ε
ε
ε
Fig. 6: Definition of Snell’s law and critical
angle
ε c for total internal reflection. The left
schematic also illustrates that under certain
conditions all light coupled into the light
guide is subject to total internal reflection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com