Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 211 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 211 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 207Page - Microchip Technology 64GA110 Datasheet HTML 208Page - Microchip Technology 64GA110 Datasheet HTML 209Page - Microchip Technology 64GA110 Datasheet HTML 210Page - Microchip Technology 64GA110 Datasheet HTML 211Page - Microchip Technology 64GA110 Datasheet HTML 212Page - Microchip Technology 64GA110 Datasheet HTML 213Page - Microchip Technology 64GA110 Datasheet HTML 214Page - Microchip Technology 64GA110 Datasheet HTML 215Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 330 page
background image
 2010 Microchip Technology Inc.
DS39905E-page 211
PIC24FJ256GA110 FAMILY
19.0
REAL-TIME CLOCK AND
CALENDAR (RTCC)
The Real-Time Clock and Calendar (RTCC) provides
on-chip, hardware-based clock and calendar function-
ality with little or no CPU overhead. It is intended for
applications where accurate time must be maintained
for extended periods with minimal CPU activity and
with limited power resources, such as battery-powered
applications.
Key features include:
• Time data in hours, minutes and seconds, with a
granularity of one-half second
• 24-hour format (military time) display option
• Calendar data as date, month and year
• Automatic, hardware-based day of week and leap
year calculations for dates from 2000 through
2099
• Time and calendar data in BCD format for
compact firmware
• Highly configurable alarm function
• External output pin with selectable alarm signal or
seconds “tick” signal output
• User calibration feature with auto-adjust
A simplified block diagram of the module is shown in
Figure 19-1.The SOSC and RTCC will both remain
running while the device is held in Reset with MCLR
and will continue running after MCLR is released.
FIGURE 19-1:
RTCC BLOCK DIAGRAM
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information, refer to the
“PIC24F
Family
Reference
Manual”
,
Section
29.
“Real-Time
Clock
and
Calendar (RTCC)”
(DS39696).
RTCC Prescalers
RTCC Timer
Comparator
Compare Registers
Repeat Counter
YEAR
MTHDY
WKDYHR
MINSEC
ALMTHDY
ALWDHR
ALMINSEC
with Masks
RTCC Interrupt Logic
RCFGCAL
ALCFGRPT
Alarm
Event
32.768 kHz Input
from SOSC Oscillator
0.5s
RTCC Clock Domain
Alarm Pulse
RTCC Interrupt
CPU Clock Domain
RTCVAL
ALRMVAL
RTCC Pin
RTCOE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com