Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 210 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 210 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 206Page - Microchip Technology 64GA110 Datasheet HTML 207Page - Microchip Technology 64GA110 Datasheet HTML 208Page - Microchip Technology 64GA110 Datasheet HTML 209Page - Microchip Technology 64GA110 Datasheet HTML 210Page - Microchip Technology 64GA110 Datasheet HTML 211Page - Microchip Technology 64GA110 Datasheet HTML 212Page - Microchip Technology 64GA110 Datasheet HTML 213Page - Microchip Technology 64GA110 Datasheet HTML 214Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 210
 2010 Microchip Technology Inc.
FIGURE 18-8:
EXAMPLE OF A PARTIALLY MULTIPLEXED ADDRESSING APPLICATION
FIGURE 18-9:
EXAMPLE OF AN 8-BIT MULTIPLEXED ADDRESS AND DATA APPLICATION
FIGURE 18-10:
PARALLEL EEPROM EXAMPLE (UP TO 15-BIT ADDRESS, 8-BIT DATA)
FIGURE 18-11:
PARALLEL EEPROM EXAMPLE (UP TO 15-BIT ADDRESS, 16-BIT DATA)
FIGURE 18-12:
LCD CONTROL EXAMPLE (BYTE MODE OPERATION)
PMA<10:8>
D<7:0>
373
A<10:0>
D<7:0>
A<7:0>
PMRD
PMWR
OE
WR
CE
PIC24F
Address Bus
Data Bus
Control Lines
PMCS1
PMALL
A<10:8>
PMD<7:0>
ALE
PMRD
PMWR
RD
WR
CS
PIC24F
Address Bus
Data Bus
Control Lines
PMCS1
PMALL
AD<7:0>
Parallel Peripheral
PMD<7:0>
PMA<n:0>
A<n:0>
D<7:0>
PMRD
PMWR
OE
WR
CE
PIC24F
Address Bus
Data Bus
Control Lines
PMCS1
PMD<7:0>
Parallel EEPROM
PMA<n:0>
A<n:1>
D<7:0>
PMRD
PMWR
OE
WR
CE
PIC24F
Address Bus
Data Bus
Control Lines
PMCS1
PMD<7:0>
Parallel EEPROM
PMBE
A0
PMRD/PMWR
D<7:0>
PIC24F
Address Bus
Data Bus
Control Lines
PMA0
R/W
RS
E
LCD Controller
PMCS1
PM<7:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com