Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 206 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 206 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 202Page - Microchip Technology 64GA110 Datasheet HTML 203Page - Microchip Technology 64GA110 Datasheet HTML 204Page - Microchip Technology 64GA110 Datasheet HTML 205Page - Microchip Technology 64GA110 Datasheet HTML 206Page - Microchip Technology 64GA110 Datasheet HTML 207Page - Microchip Technology 64GA110 Datasheet HTML 208Page - Microchip Technology 64GA110 Datasheet HTML 209Page - Microchip Technology 64GA110 Datasheet HTML 210Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 206
 2010 Microchip Technology Inc.
REGISTER 18-5:
PMSTAT: PARALLEL MASTER PORT STATUS REGISTER
R-0
R/W-0, HS
U-0
U-0
R-0
R-0
R-0
R-0
IBF
IBOV
—
—
IB3F
IB2F
IB1F
IB0F
bit 15
bit 8
R-1
R/W-0, HS
U-0
U-0
R-1
R-1
R-1
R-1
OBE
OBUF
—
—
OB3E
OB2E
OB1E
OB0E
bit 7
bit 0
Legend:
HS = Hardware Settable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
IBF:
Input Buffer Full Status bit
1
= All writable input buffer registers are full
0
= Some or all of the writable input buffer registers are empty
bit 14
IBOV:
Input Buffer Overflow Status bit
1
= A write attempt to a full input byte register occurred (must be cleared in software)
0
= No overflow occurred
bit 13-12
Unimplemented:
Read as ‘0’
bit 11-8
IB3F:IB0F
Input Buffer x Status Full bits
1
= Input buffer contains data that has not been read (reading buffer will clear this bit)
0
= Input buffer does not contain any unread data
bit 7
OBE:
Output Buffer Empty Status bit
1
= All readable output buffer registers are empty
0
= Some or all of the readable output buffer registers are full
bit 6
OBUF:
Output Buffer Underflow Status bit
1
= A read occurred from an empty output byte register (must be cleared in software)
0
= No underflow occurred
bit 5-4
Unimplemented:
Read as ‘0’
bit 3-0
OB3E:OB0E
Output Buffer x Status Empty bits
1
= Output buffer is empty (writing data to the buffer will clear this bit)
0
= Output buffer contains data that has not been transmitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com