Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 205 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 205 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 201Page - Microchip Technology 64GA110 Datasheet HTML 202Page - Microchip Technology 64GA110 Datasheet HTML 203Page - Microchip Technology 64GA110 Datasheet HTML 204Page - Microchip Technology 64GA110 Datasheet HTML 205Page - Microchip Technology 64GA110 Datasheet HTML 206Page - Microchip Technology 64GA110 Datasheet HTML 207Page - Microchip Technology 64GA110 Datasheet HTML 208Page - Microchip Technology 64GA110 Datasheet HTML 209Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 330 page
background image
 2010 Microchip Technology Inc.
DS39905E-page 205
PIC24FJ256GA110 FAMILY
REGISTER 18-3:
PMADDR: PARALLEL MASTER PORT ADDRESS REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CS2
CS1
ADDR13
ADDR12
ADDR11
ADDR10
ADDR9
ADDR8
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ADDR7
ADDR6
ADDR5
ADDR4
ADDR3
ADDR2
ADDR1
ADDR0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CS2:
Chip Select 2 bit
1
= Chip Select 2 is active
0
= Chip Select 2 is inactive
bit 14
CS1:
Chip Select 1 bit
1
= Chip Select 1 is active
0
= Chip Select 1 is inactive
bit 13-0
ADDR<13:0>:
Parallel Port Destination Address bits
REGISTER 18-4:
PMAEN: PARALLEL MASTER PORT ENABLE REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PTEN15
PTEN14
PTEN13
PTEN12
PTEN11
PTEN10
PTEN9
PTEN8
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PTEN7
PTEN6
PTEN5
PTEN4
PTEN3
PTEN2
PTEN1
PTEN0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
PTEN<15:14>:
PMCSx Strobe Enable bits
1
= PMA15 and PMA14 function as either PMA<15:14> or PMCS2 and PMCS1
0
= PMA15 and PMA14 function as port I/O
bit 13-2
PTEN<13:2>:
PMP Address Port Enable bits
1
= PMA<13:2> function as PMP address lines
0
= PMA<13:2> function as port I/O
bit 1-0
PTEN<1:0>:
PMALH/PMALL Strobe Enable bits
1
= PMA1 and PMA0 function as either PMA<1:0> or PMALH and PMALL
0
= PMA1 and PMA0 pads functions as port I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com