Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 203 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 203 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 199Page - Microchip Technology 64GA110 Datasheet HTML 200Page - Microchip Technology 64GA110 Datasheet HTML 201Page - Microchip Technology 64GA110 Datasheet HTML 202Page - Microchip Technology 64GA110 Datasheet HTML 203Page - Microchip Technology 64GA110 Datasheet HTML 204Page - Microchip Technology 64GA110 Datasheet HTML 205Page - Microchip Technology 64GA110 Datasheet HTML 206Page - Microchip Technology 64GA110 Datasheet HTML 207Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 330 page
background image
 2010 Microchip Technology Inc.
DS39905E-page 203
PIC24FJ256GA110 FAMILY
bit 2
BEP:
Byte Enable Polarity bit
1
= Byte enable active-high (PMBE)
0
= Byte enable active-low (PMBE)
bit 1
WRSP:
Write Strobe Polarity bit
For Slave Modes and Master Mode 2 (PMMODE<9:8> = 00, 01, 10):
1
= Write strobe active-high (PMWR)
0
= Write strobe active-low (PMWR)
For Master Mode 1 (PMMODE<9:8> = 11):
1
= Enable strobe active-high (PMENB)
0
= Enable strobe active-low (PMENB)
bit 0
RDSP:
Read Strobe Polarity bit
For Slave Modes and Master Mode 2 (PMMODE<9:8> = 00, 01, 10):
1
= Read strobe active-high (PMRD)
0
= Read strobe active-low (PMRD)
For Master Mode 1 (PMMODE<9:8> = 11):
1
= Read/write strobe active-high (PMRD/PMWR)
0
= Read/write strobe active-low (PMRD/PMWR)
REGISTER 18-1:
PMCON: PARALLEL MASTER PORT CONTROL REGISTER (CONTINUED)
Note 1:
These bits have no effect when their corresponding pins are used as address lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com