Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 244 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 244 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 240Page - Microchip Technology 64GA110 Datasheet HTML 241Page - Microchip Technology 64GA110 Datasheet HTML 242Page - Microchip Technology 64GA110 Datasheet HTML 243Page - Microchip Technology 64GA110 Datasheet HTML 244Page - Microchip Technology 64GA110 Datasheet HTML 245Page - Microchip Technology 64GA110 Datasheet HTML 246Page - Microchip Technology 64GA110 Datasheet HTML 247Page - Microchip Technology 64GA110 Datasheet HTML 248Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 244
 2010 Microchip Technology Inc.
bit 3-2
EDG1SEL<1:0>:
Edge 1 Source Select bits
11
= CTED1 pin
10
= CTED2 pin
01
= OC1 module
00
= Timer1 module
bit 1
EDG2STAT:
Edge 2 Status bit
1
= Edge 2 event has occurred
0
= Edge 2 event has not occurred
bit 0
EDG1STAT:
Edge 1 Status bit
1
= Edge 1 event has occurred
0
= Edge 1 event has not occurred
REGISTER 24-1:
CTMUCON: CTMU CONTROL REGISTER (CONTINUED)
Note 1:
If TGEN = 1, the CTEDGx inputs and CTPLS outputs must be assigned to available RPn pins before use.
See Section 10.4 “Peripheral Pin Select” for more information.
REGISTER 24-2:
CTMUICON: CTMU CURRENT CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ITRIM5
ITRIM4
ITRIM3
ITRIM2
ITRIM1
ITRIM0
IRNG1
IRNG0
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-10
ITRIM<5:0>:
Current Source Trim bits
011111
= Maximum positive change from nominal current
011110
. . . . .
000001
= Minimum positive change from nominal current
000000
= Nominal current output specified by IRNG<1:0>
111111
= Minimum negative change from nominal current
. . . . .
100010
100001
= Maximum negative change from nominal current
bit 9-8
IRNG<1:0>:
Current Source Range Select bits
11
= 100
 Base Current
10
= 10
 Base Current
01
= Base current level (0.55
A nominal)
00
= Current source disabled
bit 7-0
Unimplemented:
Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com