Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 248 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 248 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 244Page - Microchip Technology 64GA110 Datasheet HTML 245Page - Microchip Technology 64GA110 Datasheet HTML 246Page - Microchip Technology 64GA110 Datasheet HTML 247Page - Microchip Technology 64GA110 Datasheet HTML 248Page - Microchip Technology 64GA110 Datasheet HTML 249Page - Microchip Technology 64GA110 Datasheet HTML 250Page - Microchip Technology 64GA110 Datasheet HTML 251Page - Microchip Technology 64GA110 Datasheet HTML 252Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 248
 2010 Microchip Technology Inc.
REGISTER 25-2:
CW2: FLASH CONFIGURATION WORD 2
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
—
—
—
—
—
—
—
—
bit 23
bit 16
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
IESO
—
—
—
—
FNOSC2
FNOSC1
FNOSC0
bit 15
bit 8
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
FCKSM1
FCKSM0
OSCIOFCN
IOL1WAY
—
I2C2SEL(1)
POSCMD1
POSCMD0
bit 7
bit 0
Legend:
R = Readable bit
PO = Program Once bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 23-16
Reserved
bit 15
IESO:
Internal External Switchover bit
1
= IESO mode (Two-Speed Start-up) enabled
0
= IESO mode (Two-Speed Start-up) disabled
bit 14-11
Reserved
bit 10-8
FNOSC<2:0>:
Initial Oscillator Select bits
111
= Fast RC Oscillator with Postscaler (FRCDIV)
110
= Reserved
101
= Low-Power RC Oscillator (LPRC)
100
= Secondary Oscillator (SOSC)
011
= Primary Oscillator with PLL module (XTPLL, HSPLL, ECPLL)
010
= Primary Oscillator (XT, HS, EC)
001
= Fast RC Oscillator with Postscaler and PLL module (FRCPLL)
000
= Fast RC Oscillator (FRC)
bit 7-6
FCKSM<1:0>:
Clock Switching and Fail-Safe Clock Monitor Configuration bits
1x
= Clock switching and Fail-Safe Clock Monitor are disabled
01
= Clock switching is enabled, Fail-Safe Clock Monitor is disabled
00
= Clock switching is enabled, Fail-Safe Clock Monitor is enabled
bit 5
OSCIOFCN:
OSCO Pin Configuration bit
If POSCMD<1:0> = 11 or 00:
1
= OSCO/CLKO/RC15 functions as CLKO (FOSC/2)
0
= OSCO/CLKO/RC15 functions as port I/O (RC15)
If POSCMD<1:0> = 10 or 01:
OSCIOFCN has no effect on OSCO/CLKO/RC15.
bit 4
IOL1WAY:
IOLOCK One-Way Set Enable bit
1
= The IOLOCK bit (OSCCON<6>) can be set once, provided the unlock sequence has been
completed. Once set, the Peripheral Pin Select registers cannot be written to a second time.
0
= The IOLOCK bit can be set and cleared as needed, provided the unlock sequence has been
completed
bit 3
Reserved
bit 2
I2C2SEL:
I2C2 Pin Select bit(1)
1
= Use SCL2/SDA2 pins for I2C2
0
= Use ASCL2/ASDA2 pins for I2C2
Note 1:
Implemented in 100-pin devices only; otherwise unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com