Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 249 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 249 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 245Page - Microchip Technology 64GA110 Datasheet HTML 246Page - Microchip Technology 64GA110 Datasheet HTML 247Page - Microchip Technology 64GA110 Datasheet HTML 248Page - Microchip Technology 64GA110 Datasheet HTML 249Page - Microchip Technology 64GA110 Datasheet HTML 250Page - Microchip Technology 64GA110 Datasheet HTML 251Page - Microchip Technology 64GA110 Datasheet HTML 252Page - Microchip Technology 64GA110 Datasheet HTML 253Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 330 page
background image
 2010 Microchip Technology Inc.
DS39905E-page 249
PIC24FJ256GA110 FAMILY
bit 1-0
POSCMD<1:0>:
Primary Oscillator Configuration bits
11
= Primary Oscillator disabled
10
= HS Oscillator mode selected
01
= XT Oscillator mode selected
00
= EC Oscillator mode selected
REGISTER 25-2:
CW2: FLASH CONFIGURATION WORD 2 (CONTINUED)
Note 1:
Implemented in 100-pin devices only; otherwise unimplemented, read as ‘1’.
REGISTER 25-3:
CW3: FLASH CONFIGURATION WORD 3
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
—
—
—
—
—
—
—
—
bit 23
bit 16
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
WPEND
WPCFG
WPDIS
—
—
—
—
—
bit 15
bit 8
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
WPFP7
WPFP6
WPFP5
WPFP4
WPFP3
WPFP2
WPFP1
WPFP0
bit 7
bit 0
Legend:
R = Readable bit
PO = Program Once bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 23-16
Reserved
bit 15
WPEND:
Segment Write Protection End Page Select bit
1
= Protected code segment upper boundary is at the last page of program memory; lower boundary
is the code page specified by WPFP<7:0>
0
= Protected code segment lower boundary is at the bottom of program memory (000000h); upper
boundary is the code page specified by WPFP<7:0>
bit 14
WPCFG:
Configuration Word Code Page Protection Select bit
1
= Last page (at the top of program memory) and Flash Configuration Words are not protected if
WPEND = 0
0
= Last page and Flash Configuration Words are code-protected if WPEND = 0
bit 13
WPDIS:
Segment Write Protection Disable bit
1
= Segmented code protection disabled
0
= Segmented code protection enabled; protected segment defined by WPEND, WPCFG and
WPFPx Configuration bits
bit 12-8
Reserved
bit 7-0
WPFP<7:0>:
Protected Code Segment Boundary Page bits
Designates the 512-word program code page that is the boundary of the protected code segment,
starting with Page 0 at the bottom of program memory.
If WPEND = 1:
First address of designated code page is the lower boundary of the segment.
If WPEND = 0:
Last address of designated code page is the upper boundary of the segment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com