Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 252 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 252 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 248Page - Microchip Technology 64GA110 Datasheet HTML 249Page - Microchip Technology 64GA110 Datasheet HTML 250Page - Microchip Technology 64GA110 Datasheet HTML 251Page - Microchip Technology 64GA110 Datasheet HTML 252Page - Microchip Technology 64GA110 Datasheet HTML 253Page - Microchip Technology 64GA110 Datasheet HTML 254Page - Microchip Technology 64GA110 Datasheet HTML 255Page - Microchip Technology 64GA110 Datasheet HTML 256Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 252
 2010 Microchip Technology Inc.
25.2.2
ON-CHIP REGULATOR AND POR
When the voltage regulator is enabled, it takes approxi-
mately 10
s for it to generate output. During this time,
designated as TVREG, code execution is disabled. TVREG
is applied every time the device resumes operation after
any power-down, including Sleep mode. The length of
TVREG is determined by the PMSLP bit (RCON<8>), as
described in Section 25.2.5 “Voltage Regulator
Standby Mode”
.
If the regulator is disabled, a separate Power-up Timer
(PWRT) is automatically enabled. The PWRT adds a
fixed delay of 64 ms nominal delay at device start-up
(POR or BOR only). When waking up from Sleep with
the regulator disabled, the PMSLP bit determines the
wake-up time. When operating with the regulator
disabled, setting PMSLP can decrease the device
wake-up time.
25.2.3
ON-CHIP REGULATOR AND BOR
When
the
on-chip
regulator
is
enabled,
PIC24FJ256GA110 family devices also have a simple
brown-out capability. If the voltage supplied to the reg-
ulator is inadequate to maintain the tracking level, the
regulator Reset circuitry will generate a Brown-out
Reset. This event is captured by the BOR flag bit
(RCON<1>). The brown-out voltage specifications are
provided in the “PIC24FJ Family Reference Manual”,
Section 7. “Reset”
(DS39712).
25.2.4
POWER-UP REQUIREMENTS
The on-chip regulator is designed to meet the power-up
requirements for the device. If the application does not
use the regulator, then strict power-up conditions must
be adhered to. While powering up, VDDCORE must
never exceed VDD by 0.3 volts.
25.2.5
VOLTAGE REGULATOR STANDBY
MODE
When enabled, the on-chip regulator always consumes
a small incremental amount of current over IDD/IPD,
including when the device is in Sleep mode, even
though the core digital logic does not require power. To
provide additional savings in applications where power
resources are critical, the regulator automatically
disables itself whenever the device goes into Sleep
mode. This feature is controlled by the PMSLP bit
(RCON<8>). By default, the bit is cleared, which
removes power from the Flash program memory, and
thus, enables Standby mode. When waking up from
Standby mode, the regulator must wait for TVREG to
expire before wake-up. This extra time is needed to
ensure that the regulator can source enough current to
power the Flash memory.
For applications which require a faster wake-up time, it
is possible to disable regulator Standby mode. The
PMSLP bit can be set to turn off Standby mode so that
the Flash stays powered when in Sleep mode and the
device can wake-up without waiting for TVREG. When
PMSLP is set, the power consumption while in Sleep
mode, will be approximately 40
A higher than power
consumption when the regulator is allowed to enter
Standby mode.
25.3
Watchdog Timer (WDT)
For PIC24FJ256GA110 family devices, the WDT is
driven by the LPRC Oscillator. When the WDT is
enabled, the clock source is also enabled.
The nominal WDT clock source from LPRC is 31 kHz.
This feeds a prescaler that can be configured for either
5-bit (divide-by-32) or 7-bit (divide-by-128) operation.
The prescaler is set by the FWPSA Configuration bit.
With a 31 kHz input, the prescaler yields a nominal
WDT time-out period (TWDT) of 1 ms in 5-bit mode or
4 ms in 7-bit mode.
A variable postscaler divides down the WDT prescaler
output and allows for a wide range of time-out periods.
The postscaler is controlled by the WDTPS<3:0>
Configuration bits (CW1<3:0>), which allow the selec-
tion of a total of 16 settings, from 1:1 to 1:32,768. Using
the prescaler and postscaler, time-out periods ranging
from 1 ms to 131 seconds can be achieved.
The WDT, prescaler and postscaler are reset:
• On any device Reset
• On the completion of a clock switch, whether
invoked by software (i.e., setting the OSWEN bit
after changing the NOSC bits) or by hardware
(i.e., Fail-Safe Clock Monitor)
• When a PWRSAV instruction is executed
(i.e., Sleep or Idle mode is entered)
• When the device exits Sleep or Idle mode to
resume normal operation
•By a CLRWDT instruction during normal execution
If the WDT is enabled, it will continue to run during
Sleep or Idle modes. When the WDT time-out occurs,
the device will wake the device and code execution will
continue from where the PWRSAV instruction was exe-
cuted. The corresponding SLEEP or IDLE bits
(RCON<3:2>) will need to be cleared in software after
the device wakes up.
The WDT Flag bit, WDTO (RCON<4>), is not auto-
matically cleared following a WDT time-out. To detect
subsequent WDT events, the flag must be cleared in
software.
Note:
For more information, see Section 28.0
“Electrical Characteristics”
.
Note:
The CLRWDT and PWRSAV instructions
clear the prescaler and postscaler counts
when executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com