Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 279 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 279 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 275Page - Microchip Technology 64GA110 Datasheet HTML 276Page - Microchip Technology 64GA110 Datasheet HTML 277Page - Microchip Technology 64GA110 Datasheet HTML 278Page - Microchip Technology 64GA110 Datasheet HTML 279Page - Microchip Technology 64GA110 Datasheet HTML 280Page - Microchip Technology 64GA110 Datasheet HTML 281Page - Microchip Technology 64GA110 Datasheet HTML 282Page - Microchip Technology 64GA110 Datasheet HTML 283Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 330 page
background image
 2010 Microchip Technology Inc.
DS39905E-page 279
PIC24FJ256GA110 FAMILY
IIL
Input Leakage Current(2,3)
DI50
I/O Ports
—
—
+1
AVSS  VPIN  VDD,
Pin at high-impedance
DI51
Analog Input Pins
—
—
+1
AVSS  VPIN  VDD,
Pin at high-impedance
DI55
MCLR
——
+1
AVSS VPIN VDD
DI56
OSC1
—
—
+1
AVSS VPIN VDD,
XT and HS modes
TABLE 28-7:
DC CHARACTERISTICS: I/O PIN INPUT SPECIFICATIONS (CONTINUED)
DC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Sym
Characteristic
Min
Typ(1)
Max
Units
Conditions
Note 1:
Data in “Typ” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3:
Negative current is defined as current sourced by the pin.
4:
Refer to Table 1-4 for I/O pins buffer types.
5:
VIH requirements are met when internal pull-ups are enabled.
TABLE 28-8:
DC CHARACTERISTICS: I/O PIN OUTPUT SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Sym
Characteristic
Min
Typ(1)
Max
Units
Conditions
VOL
Output Low Voltage
DO10
I/O Ports
—
—
0.4
V
IOL = 8.5 mA, VDD = 3.6V
——
0.4
V
IOL = 6.0 mA, VDD = 2.0V
DO16
OSC2/CLKO
—
—
0.4
V
IOL = 8.5 mA, VDD = 3.6V
——
0.4
V
IOL = 6.0 mA, VDD = 2.0V
VOH
Output High Voltage
DO20
I/O Ports
3.0
—
—
V
IOH = -3.0 mA, VDD = 3.6V
2.4
—
—
V
IOH = -6.0 mA, VDD = 3.6V
1.65
—
—
V
IOH = -1.0 mA, VDD = 2.0V
1.4
—
—
V
IOH = -3.0 mA, VDD = 2.0V
DO26
OSC2/CLKO
2.4
—
—
V
IOH = -6.0 mA, VDD = 3.6V
1.4
—
—
V
IOH = -3.0 mA, VDD = 2.0V
Note 1:
Data in “Typ” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3:
Negative current is defined as current sourced by the pin.
4:
Refer to Table 1-4 for I/O pins buffer types.
5:
VIH requirements are met when internal pull-ups are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com