Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 280 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 280 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 276Page - Microchip Technology 64GA110 Datasheet HTML 277Page - Microchip Technology 64GA110 Datasheet HTML 278Page - Microchip Technology 64GA110 Datasheet HTML 279Page - Microchip Technology 64GA110 Datasheet HTML 280Page - Microchip Technology 64GA110 Datasheet HTML 281Page - Microchip Technology 64GA110 Datasheet HTML 282Page - Microchip Technology 64GA110 Datasheet HTML 283Page - Microchip Technology 64GA110 Datasheet HTML 284Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 280
 2010 Microchip Technology Inc.
TABLE 28-10: INTERNAL VOLTAGE REGULATOR SPECIFICATIONS
TABLE 28-9:
DC CHARACTERISTICS: PROGRAM MEMORY
DC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Sym
Characteristic
Min
Typ(1)
Max
Units
Conditions
D130
EP
Cell Endurance
10000
—
—
E/W -40
C to +85C
D131
VPR
VDD for Read
VMIN
—3.6
V
VMIN = Minimum operating
voltage
VPEW Supply Voltage for Self-Timed Writes
D132A
VDDCORE
2.25
—
VDDCORE
V
D132B
VDD
2.35
—
3.6
V
D133A TIW
Self-Timed Write Cycle Time
—
3
—
ms
D133B TIE
Self-Timed Page Erase Time
40
—
—
ms
D134
TRETD Characteristic Retention
20
—
—
Year Provided no other
specifications are violated
D135
IDDP
Supply Current during Programming
—
7
—
mA
Note 1:
Data in “Typ” column is at 3.3V, 25°C unless otherwise stated.
Operating Conditions:
-40°C < TA < +125°C (unless otherwise stated)
Param
No.
Symbol
Characteristics
Min
Typ
Max
Units
Comments
VRGOUT Regulator Output Voltage
—
2.5
—
V
VBG
Internal Band Gap Reference
—
1.2
—
V
CEFC
External Filter Capacitor Value
4.7
10
—
F
Series resistance < 3 Ohm
recommended;
< 5 Ohm required.
TVREG
Regulator Start-up Time
—10
—
sPMSLP = 1, or any POR or BOR
—
250
—
s
Wake for Sleep when PMSLP = 0
TBG
Band Gap Reference Start-up
Time
——
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com