Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 286 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 286 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 282Page - Microchip Technology 64GA110 Datasheet HTML 283Page - Microchip Technology 64GA110 Datasheet HTML 284Page - Microchip Technology 64GA110 Datasheet HTML 285Page - Microchip Technology 64GA110 Datasheet HTML 286Page - Microchip Technology 64GA110 Datasheet HTML 287Page - Microchip Technology 64GA110 Datasheet HTML 288Page - Microchip Technology 64GA110 Datasheet HTML 289Page - Microchip Technology 64GA110 Datasheet HTML 290Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 286
 2010 Microchip Technology Inc.
TABLE 28-19: ADC MODULE SPECIFICATIONS
AC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Symbol
Characteristic
Min.
Typ
Max.
Units
Conditions
Device Supply
AD01
AVDD
Module VDD Supply
Greater of
VDD – 0.3
or 2.0
—Lesser of
VDD + 0.3
or 3.6
V
AD02
AVSS
Module VSS Supply
VSS – 0.3
—
VSS + 0.3
V
Reference Inputs
AD05
VREFH
Reference Voltage High
AVSS + 1.7
—
AVDD
V
AD06
VREFL
Reference Voltage Low
AVSS
—AVDD – 1.7
V
AD07
VREF
Absolute Reference
Voltage
AVSS – 0.3
—
AVDD + 0.3
V
AD08
IVREF
Reference Voltage Input
Current
——
1.25
mA
(Note 3)
AD09
ZVREF
Reference Input
Impedance
—10K
—
(Note 4)
Analog Input
AD10
VINH-VINL Full-Scale Input Span
VREFL
—VREFH
V
(Note 2)
AD11
VIN
Absolute Input Voltage
AVSS – 0.3
—
AVDD + 0.3
V
AD12
VINL
Absolute VINL Input
Voltage
AVSS – 0.3
AVDD/2
V
AD17
RIN
RecommendedImpedance
of Analog Voltage Source
—
—
2.5K
10-bit
ADC Accuracy
AD20b NR
Resolution
—
10
—
bits
AD21b INL
Integral Nonlinearity
—
±1
<±2
LSb
VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3V
AD22b DNL
Differential Nonlinearity
—
±0.5
<±1
LSb
VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3V
AD23b GERR
Gain Error
—
±1
±3
LSb
VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3V
AD24b EOFF
Offset Error
—
±1
±2
LSb
VINL = AVSS = VREFL = 0V,
AVDD = VREFH = 3V
AD25b —
Monotonicity(1)
—
—
—
—
Guaranteed
Note 1:
The ADC conversion result never decreases with an increase in the input voltage and has no missing codes.
2:
Measurements taken with external VREF+ and VREF- are used as the ADC voltage reference.
3:
External reference voltage applied to VREF+/- pins. IVREF is current during conversion at 3.3V, 25°C.
Parameter is for design guidance only and is not tested.
4:
Impedance during sampling is at 3.3V, 25°C. Parameter is for design guidance only and is not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com