Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 288 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 288 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 284Page - Microchip Technology 64GA110 Datasheet HTML 285Page - Microchip Technology 64GA110 Datasheet HTML 286Page - Microchip Technology 64GA110 Datasheet HTML 287Page - Microchip Technology 64GA110 Datasheet HTML 288Page - Microchip Technology 64GA110 Datasheet HTML 289Page - Microchip Technology 64GA110 Datasheet HTML 290Page - Microchip Technology 64GA110 Datasheet HTML 291Page - Microchip Technology 64GA110 Datasheet HTML 292Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 288
 2010 Microchip Technology Inc.
FIGURE 28-7:
RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER AND POWER-UP
TIMER TIMING CHARACTERISTICS
TABLE 28-21: RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, POWER-UP TIMER
AND BROWN-OUT RESET TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
SY10
TmcL
MCLR Pulse Width (low)
2
—
—
s
SY11
TPWRT
Power-up Timer Period
—
64
—
ms
SY12
TPOR
Power-on Reset Delay
1
5
10
s
SY13
TIOZ
I/O High-Impedance from MCLR
Low or Watchdog Timer Reset
—
—
100
ns
SY20
TWDT
Watchdog Timer Time-out Period
0.85
1.0
1.15
ms
1:32 prescaler
3.4
4.0
4.6
ms
1:128 prescaler
SY25
TBOR
Brown-out Reset Pulse Width
1
—
—
sVDD VBOR, voltage
regulator disabled
Note 1:
Data in “Typ” column is at 3.3V, 25°C unless otherwise stated.
VDD
MCLR
Internal
POR
PWRT
SYSRST
System
Clock
Watchdog
Timer Reset
SY10
SY20
SY13
I/O Pins
SY13
SY11
SY12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com