Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 294 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 294 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 290Page - Microchip Technology 64GA110 Datasheet HTML 291Page - Microchip Technology 64GA110 Datasheet HTML 292Page - Microchip Technology 64GA110 Datasheet HTML 293Page - Microchip Technology 64GA110 Datasheet HTML 294Page - Microchip Technology 64GA110 Datasheet HTML 295Page - Microchip Technology 64GA110 Datasheet HTML 296Page - Microchip Technology 64GA110 Datasheet HTML 297Page - Microchip Technology 64GA110 Datasheet HTML 298Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 294
 2010 Microchip Technology Inc.
FIGURE 28-14:
SPIx MODULE SLAVE MODE TIMING CHARACTERISTICS (CKE = 1)
TABLE 28-27: SPIx MODULE SLAVE MODE TIMING REQUIREMENTS (CKE = 1)
AC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V
(unless otherwise stated)
Operating temperature -40°C
 TA  +85°C for Industrial
Param
No.
Symbol
Characteristic
Min
Typ(1)
Max
Units
Conditions
SP70
TscL
SCKx Input Low Time
30
—
—
ns
SP71
TscH
SCKx Input High Time
30
—
—
ns
SP72
TscF
SCKx Input Fall Time(2)
—10
25
ns
SP73
TscR
SCKx Input Rise Time(2)
—10
25
ns
SP30
TdoF
SDOx Data Output Fall Time(2)
—10
25
ns
SP31
TdoR
SDOx Data Output Rise Time(2)
—10
25
ns
SP35
TscH2doV,
TscL2doV
SDOx Data Output Valid after SCKx Edge
—
—
30
ns
SP40
TdiV2scH,
TdiV2scL
Setup Time of SDIx Data Input to
SCKx Edge
20
—
—
ns
SP41
TscH2diL,
TscL2diL
Hold Time of SDIx Data Input to
SCKx Edge
20
—
—
ns
SP50
TssL2scH,
TssL2scL
SSx
 to SCKx  or SCKx  Input
120
—
—
ns
SP51
TssH2doZ SSx
 to SDOx Output
High-Impedance(3)
10
—
50
ns
SP52
TscH2ssH
TscL2ssH
SSx
 after SCKx Edge
1.5 TCY + 40
—
—
ns
SP60
TssL2doV SDOx Data Output Valid after SSx Edge
—
—
50
ns
Note 1:
Data in “Typ” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance only and
are not tested.
2:
The minimum clock period for SCKx is 100 ns. Therefore, the clock generated in Master mode must not
violate this specification.
3:
Assumes 50 pF load on all SPIx pins.
SSx
SCKx
(CKP = 0)
SCKx
(CKP = 1)
SDOx
SP60
SDIx
SP30,SP31
MSb
Bit 14 - - - - - -1
LSb
SP51
Bit 14 - - - -1
LSb In
SP35
SP52
SP52
SP73
SP72
SP72
SP73
SP71
SP70
SP40
SP41
SP50
MSb In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com