Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 295 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 295 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 291Page - Microchip Technology 64GA110 Datasheet HTML 292Page - Microchip Technology 64GA110 Datasheet HTML 293Page - Microchip Technology 64GA110 Datasheet HTML 294Page - Microchip Technology 64GA110 Datasheet HTML 295Page - Microchip Technology 64GA110 Datasheet HTML 296Page - Microchip Technology 64GA110 Datasheet HTML 297Page - Microchip Technology 64GA110 Datasheet HTML 298Page - Microchip Technology 64GA110 Datasheet HTML 299Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 330 page
background image
 2010 Microchip Technology Inc.
DS39905E-page 295
PIC24FJ256GA110 FAMILY
FIGURE 28-15:
OUTPUT COMPARE TIMINGS
TABLE 28-28:
OUTPUT COMPARE
FIGURE 28-16:
PWM MODULE TIMING REQUIREMENTS
TABLE 28-29: PWM TIMING REQUIREMENTS
Param.
No.
Symbol
Characteristic
Min
Max
Unit
Condition
OC11
TCCR
OC1 Output Rise Time
—
10
ns
—
—
—
ns
—
OC10
TCCF
OC1 Output Fall Time
—
10
ns
—
——
ns
—
Param.
No.
Symbol
Characteristic
Min
Typ(1)
Max
Unit
Condition
OC15
TFD
Fault Input to PWM I/O
Change
—
—
25
ns
VDD = 3.0V, -40
C to +85C
OC20
TFH
Fault Input Pulse Width
50
—
—
ns
VDD = 3.0V, -40
C to +85C
Note 1:
Data in “Typ” column is at 3.3V, 25
C unless otherwise stated. These parameters are for design guidance
only and are not tested.
OCx
OC11
OC10
(Output Compare or PWM Mode)
OCFx
PWM
OC20
OC15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com