Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 178 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 178 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 174Page - Microchip Technology 64GA110 Datasheet HTML 175Page - Microchip Technology 64GA110 Datasheet HTML 176Page - Microchip Technology 64GA110 Datasheet HTML 177Page - Microchip Technology 64GA110 Datasheet HTML 178Page - Microchip Technology 64GA110 Datasheet HTML 179Page - Microchip Technology 64GA110 Datasheet HTML 180Page - Microchip Technology 64GA110 Datasheet HTML 181Page - Microchip Technology 64GA110 Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 178
 2010 Microchip Technology Inc.
REGISTER 15-1:
SPIxSTAT: SPIx STATUS AND CONTROL REGISTER
R/W-0
U-0
R/W-0
U-0
U-0
R-0
R-0
R-0
SPIEN(1)
—
SPISIDL
—
—
SPIBEC2
SPIBEC1
SPIBEC0
bit 15
bit 8
R-0
R/C-0, HS
R-0
R/W-0
R/W-0
R/W-0
R-0
R-0
SRMPT
SPIROV
SRXMPT
SISEL2
SISEL1
SISEL0
SPITBF
SPIRBF
bit 7
bit 0
Legend:
C = Clearable bit
HS = Hardware Settable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
SPIEN:
SPIx Enable bit(1)
1
= Enables module and configures SCKx, SDOx, SDIx and SSx as serial port pins
0
= Disables module
bit 14
Unimplemented:
Read as ‘0’
bit 13
SPISIDL:
Stop in Idle Mode bit
1
= Discontinue module operation when device enters Idle mode
0
= Continue module operation in Idle mode
bit 12-11
Unimplemented:
Read as ‘0’
bit 10-8
SPIBEC<2:0>:
SPIx Buffer Element Count bits (valid in Enhanced Buffer mode)
Master mode:
Number of SPI transfers pending.
Slave mode:
Number of SPI transfers unread.
bit 7
SRMPT:
Shift Register (SPIxSR) Empty bit (valid in Enhanced Buffer mode)
1
= SPIx Shift register is empty and ready to send or receive
0
= SPIx Shift register is not empty
bit 6
SPIROV:
Receive Overflow Flag bit
1
= A new byte/word is completely received and discarded. The user software has not read the previous
data in the SPIxBUF register.
0
= No overflow has occurred
bit 5
SRXMPT:
Receive FIFO Empty bit (valid in Enhanced Buffer mode)
1
= Receive FIFO is empty
0
= Receive FIFO is not empty
bit 4-2
SISEL<2:0>:
SPIx Buffer Interrupt Mode bits (valid in Enhanced Buffer mode)
111
= Interrupt when SPIx transmit buffer is full (SPITBF bit is set)
110
= Interrupt when last bit is shifted into SPIxSR; as a result, the TX FIFO is empty
101
= Interrupt when the last bit is shifted out of SPIxSR; now the transmit is complete
100
= Interrupt when one data is shifted into the SPIxSR; as a result, the TX FIFO has one open spot
011
= Interrupt when SPIx receive buffer is full (SPIRBF bit set)
010
= Interrupt when SPIx receive buffer is 3/4 or more full
001
= Interrupt when data is available in receive buffer (SRMPT bit is set)
000
= Interrupt when the last data in the receive buffer is read; as a result, the buffer is empty
(SRXMPT bit set)
Note 1:
If SPIEN = 1, these functions must be assigned to available RPn pins (or to ASCK1 for the SCK1 output)
before use. See Section 10.4 “Peripheral Pin Select” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com