Electronic Components Datasheet Search
  English  ▼

X  

64GA110 Datasheet(PDF) 182 Page - Microchip Technology

Part # 64GA110
Description  64/80/100-Pin, 16-Bit, General Purpose Flash Microcontrollers with Peripheral Pin Select
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

64GA110 Datasheet(HTML) 182 Page - Microchip Technology

Back Button 64GA110 Datasheet HTML 178Page - Microchip Technology 64GA110 Datasheet HTML 179Page - Microchip Technology 64GA110 Datasheet HTML 180Page - Microchip Technology 64GA110 Datasheet HTML 181Page - Microchip Technology 64GA110 Datasheet HTML 182Page - Microchip Technology 64GA110 Datasheet HTML 183Page - Microchip Technology 64GA110 Datasheet HTML 184Page - Microchip Technology 64GA110 Datasheet HTML 185Page - Microchip Technology 64GA110 Datasheet HTML 186Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 330 page
background image
PIC24FJ256GA110 FAMILY
DS39905E-page 182
 2010 Microchip Technology Inc.
FIGURE 15-3:
SPI MASTER/SLAVE CONNECTION (STANDARD MODE)
FIGURE 15-4:
SPI MASTER/SLAVE CONNECTION (ENHANCED BUFFER MODES)
Serial Receive Buffer
(SPIxRXB)
Shift Register
(SPIxSR)
LSb
MSb
SDIx
SDOx
PROCESSOR 2 (SPI Slave)
SCKx
SSx(1)
Serial Transmit Buffer
(SPIxTXB)
Serial Receive Buffer
(SPIxRXB)
Shift Register
(SPIxSR)
MSb
LSb
SDOx
SDIx
PROCESSOR 1 (SPI Master)
Serial Clock
SSEN (SPIxCON1<7>) = 1 and MSTEN (SPIxCON1<5>) = 0
Note
1:
Using the SSx pin in Slave mode of operation is optional.
2:
User must write transmit data to read received data from SPIxBUF. The SPIxTXB and SPIxRXB registers are memory
mapped to SPIxBUF.
SCKx
Serial Transmit Buffer
(SPIxTXB)
MSTEN (SPIxCON1<5>) = 1)
SPIx Buffer
(SPIxBUF)(2)
SPIx Buffer
(SPIxBUF)(2)
Shift Register
(SPIxSR)
LSb
MSb
SDIx
SDOx
PROCESSOR 2 (SPI Enhanced Buffer Slave)
SCKx
SSx(1)
Shift Register
(SPIxSR)
MSb
LSb
SDOx
SDIx
PROCESSOR 1 (SPI Enhanced Buffer Master)
Serial Clock
SSEN (SPIxCON1<7>) = 1,
Note
1:
Using the SSx pin in Slave mode of operation is optional.
2:
User must write transmit data to read received data from SPIxBUF. The SPIxTXB and SPIxRXB registers are memory
mapped to SPIxBUF.
SSx
SCKx
8-Level FIFO Buffer
MSTEN (SPIxCON1<5>) = 1 and
SPIx Buffer
(SPIxBUF)(2)
8-Level FIFO Buffer
SPIx Buffer
(SPIxBUF)(2)
SPIBEN (SPIxCON2<0>) = 1
MSTEN (SPIxCON1<5>) = 0 and
SPIBEN (SPIxCON2<0>) = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com