Electronic Components Datasheet Search
  English  ▼

X  

TDS2012B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TDS2012B
Description  Digital Storage Oscilloscopes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TDS2012B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  TDS2012B Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Digital Storage Oscilloscopes
TDS1000B Series • TDS2000B Series
Acquisition Modes
Peak Detect –
High frequency and random glitch capture. Captures
glitches as narrow as 12 ns (typical) using acquisition
hardware at all time base settings from 5 µs/div to
50 s/div.
Sample – Sample data only.
Average –
Waveform averaged, selectable: 4, 16, 64, 128.
Single Sequence –
Use the Single Sequence button to capture a single
triggered acquisition sequence at a time.
Roll Mode –
At acquisition time base settings of >100 ms/div.
Trigger System
Trigger Modes – Auto, Normal, Single Sequence.
Trigger Types
Edge (Rising/Falling) –
Conventional level-driven trigger. Positive or negative
slope on any channel. Coupling selections: AC, DC,
Noise Reject, HF Reject, LF Reject.
Video –
Trigger on all lines or individual lines, odd/even or all
fields from composite video, or broadcast standards
(NTSC, PAL, SECAM).
Pulse Width (or Glitch) –
Trigger on a pulse width less than, greater than,
equal to, or not equal to, a selectable time limit
ranging from 33 ns to 10 s.
Trigger Source
2-channel Models – CH1, CH2, Ext, Ext/5, AC Line.
4-channel Models –
CH1, CH2, CH3, CH4, Ext, Ext/5, AC Line.
Trigger View
Displays trigger signal while trigger view button
is depressed.
Trigger Signal Frequency
Readout
Provides a frequency readout of the trigger source.
Cursors
Types – Amplitude, Time.
Measurements – [Δ]T, 1[Δ]T (frequency), [Δ]V.
Automatic Waveform
Measurements
Period, Frequency, +Width, –Width, Rise Time, Fall
Time, Max, Min, Peak-to-Peak, Mean, Cycle RMS.
Waveform Math
Operators – Add, Subtract, Multiply, FFT.
FFT –
Windows, Hanning, Flat Top, Rectangular,
2048 sample points.
Sources –
2-channel Models: CH1 to CH2, CH2 to CH1,
CH1+CH2, CH1xCH2.
4-channel Models: CH1 to CH2, CH2 to CH1,
CH3 to CH4, CH4 to CH3, CH1+CH2, CH3+CH4,
CH1xCH2, CH3xCH4.
Autorange
Automatically adjust vertical and/or horizontal oscil-
loscope settings when probe is moved from point
to point, or when the signal exhibits large changes.
Display Characteristics
Display –
Color models: 1⁄4 VGA passive color LCD with color on
black background with adjustable multi-level contrast.
Monochrome models: 1⁄4 VGA backlit passive LDC with
adjustable multi-level contrast and inverse video
selectable from front panel.
Interpolation – Sin(x)/x.
Display Types – Dots, vectors.
Persistence – Off, 1 s, 2 s, 5 s, infinite.
Format – YT and XY.
Environmental and Safety
Temperature –
Operating: 0 ºC to +50 ºC.
Non-operating: –40 ºC to +71 ºC.
Humidity –
Operating and Non-operating: Up to 80% RH at
or below +40 ºC. Operating and Non-operating:
Up to 45% RH up to +50 ºC.
Altitude –
Operating and Non-operating: Up to 3,000 m.
Electromagnetic Compatibility –
Meets Directive 89/336/EEC, amended by 93/68/EEC,
meets or exceed EN55011 Class A Radiated and
Conducted Emissions; FCC 47 CFR, Part 15,
Subpart B, Class A; Australian EMC Framework,
demonstrated per Emission Standard AS/NZS 2064;
Russian GOST EMC regulations.
Safety –
UL610100-1:2003, CSA22.2 No. 61010-1:2003,
EN61010-1:2001, IEC61010-1:2001.
Physical Characteristics
Instrument
Dimensions
mm
in.
Width
326.3
12.85
Height
158.0
6.22
Depth
124.2
4.89
Weight
kg
lbs.
Instrument only
2.0
4.4
With accessories
2.2
4.9
Instrument Shipping
Package Dimensions
mm
in.
Width
476.2
18.75
Height
266.7
10.5
Depth
228.6
9
RM2000B Rackmount
mm
in.
Width
482.6
19
Height
177.8
7
Depth
108
4.25
Digital Storage Oscilloscopes • www.tektronix.com/tds2000b
6
Autoset Menu
Single-button, automatic setup of all channels for vertical, horizontal and trigger systems, with undo Autoset.
Signal Type
Autoset Menu Choices
Square Wave
Single-cycle, Multi-cycle, Rising or Falling Edge
Sine Wave
Single-cycle, Multi-cycle, FFT Spectrum
Video (NTSC, PAL, SECAM)
Field: All, Odd or Even
Line: All or Selectable Line Number



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com