Electronic Components Datasheet Search
  English  ▼

X  

TDS2012B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TDS2012B
Description  Digital Storage Oscilloscopes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TDS2012B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  TDS2012B Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS2012B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Digital Storage Oscilloscopes • www.tektronix.com/tds2000b
7
Digital Storage Oscilloscopes
TDS1000B Series • TDS2000B Series
Ordering Information
TDS1001B: 40 MHz, 2 Ch, 500 MS/s, Monochrome
DSO.
TDS1002B: 60 MHz, 2 Ch, 1 GS/s, Monochrome
DSO.
TDS1012B: 100 MHz, 2 Ch, 1 GS/s, Monochrome
DSO.
TDS2002B: 60 MHz, 2 Ch, 1 GS/s, Color DSO.
TDS2004B: 60 MHz, 4 Ch, 1 GS/s, Color DSO.
TDS2012B: 100 MHz, 2 Ch, 1 GS/s, Color DSO.
TDS2014B: 100 MHz, 4 Ch, 1 GS/s, Color DSO.
TDS2022B: 200 MHz, 2 Ch, 2 GS/s, Color DSO.
TDS2024B: 200 MHz, 4 Ch, 2 GS/s, Color DSO.
Standard Accessories
P2220 – 200 MHz 10x to 1x Switchable Passive
Probes (one per channel).
Power Cord – Please specify plug option.
NIM/NIST – Traceable Certificate of Calibration.
Documentation – User Manual (Please specify
preferred language option).
OpenChoice® PC Communications Software –
Enables fast and easy communication between a
Windows PC and the TDS1000B and TDS2000B
Series via USB. Transfer and save settings, wave-
forms, measurements and screen images.
National Instruments SignalExpress Tektronix
Edition Interactive Measurement Software –
Base Version – A fully interactive measurement
software environment optimized for the TDS1000B
and TDS2000B Series. Enables you to instantly
acquire, generate, analyze, compare, import and
save measurement data and signals using intuitive
drag-and-drop user interface that does not require
any programming. Standard TDS1000B and
TDS2000B Series support for acquiring, controlling,
viewing and exporting your live signal. A 30-day
trial period of the Professional Version provides
additional signal processing, advance analysis,
mixed signal, sweeping, limit testing and user-
defined step capabilities. Order SIGEXPTE for
permanent Professional Version capability.
LLiim
miitteedd LLiiffeettiim
mee W
Waarrrraannttyy*1 – Covering labor and
parts for defects in materials and workmanship
for a minimum of 10 years, excluding probes
and accessories.*2
*1 Lifetime is defined as five years after Tektronix discontinues
manufacturing the product, but the warranty length shall be
at least ten years from date of original purchase. Lifetime
warranty is non-transferable, proof of original purchase is
required. Limitations apply. For terms and conditions visit
www.tektronix.com/lifetimewarranty.
*2 Probes and accessories are not covered by the oscilloscope
warranty and Service Offerings. Refer to the datasheet of
each probe and accessory model for its unique warranty
and calibration terms.
International Power Plugs
Opt. A0 – North America power.
Opt. A1 – Universal Euro power.
Opt. A2 – United Kingdom power.
Opt. A3 – Australia power.
Opt. A5 – Switzerland power.
Opt. A6 – Japan power.
Opt. A10 – China power.
Opt. A11 – India power.
Opt. A99 – No power cord or AC adapter.
User Manual Options
Opt. L0 – English manual.
Opt. L1 – French manual.
Opt. L2 – Italian manual.
Opt. L3 – German manual.
Opt. L4 – Spanish manual.
Opt. L5 – Japanese manual.
Opt. L6 – Portuguese manual.
Opt. L7 – Simplified Chinese manual.
Opt. L8 – Standard Chinese manual.
Opt. L9 – Korean manual.
Opt. L10 – Russian manual.
Translated front panel overlays included with their
respective user manuals.
Recommended Accessories
TEK-USB-488 – GPIB-to-USB converter.
SIGEXPTE – National Instruments SignalExpress
Tektronix Edition Interactive Measurement Software –
Professional Version.
AC2100 – Soft carrying case for instrument.
HCTEK4321 – Hard plastic carrying case for
instrument (requires AC2100).
RM2000B – Rackmount kit.
071-1075-xx – Programmer Manual – English only.
071-1828-xx– Service Manual – English only.
TNGTDS01 – Operator Training Kit – Extensive
instructions and step-by-step lab exercises provide
education about the operation of TDS1000B
and TDS2000B Series oscilloscopes. Kit includes
self-paced CD-ROM based manual and signal
source board.
174-4401-00 – USB host-to-device cable,
3 feet long.
Recommended Probes
P2220 – 10x to 1x Switchable Passive Probe (200
MHz when 10x is selected).
P6101B – 1X passive probe (15 MHz, 300 V
RMS
CAT II rating).
P6015A – 1000X high-voltage passive probe
(75 MHz).
P5100 – 100X high-voltage passive probe
(75 MHz).
P5200 – High-voltage active differential probe
(25 MHz).
P6021 – 15 A, 60 MHz AC current probe.
P6022 – 6 A, 120 MHz AC current probe.
A621 – 2000 A, 5 to 50 kHz AC current probe.
A622 – 100 A, 100 kHz AC/DC current probe.
TCP303/TCPA300 – 15 A, 15 MHz AC/DC current
probe/amplifier.
TCP305/TCPA300 – 50 A, 50 MHz AC/DC current
probe/amplifier.
TCP312/TCPA300 – 30 A, 100 MHz AC/DC current
probe/amplifier.
TCP404XL/TCPA400 – 500 A, 2 MHz AC/DC
current probe/amplifier.
Service Options*2
Opt. C3 – Calibration Service 3 years.
Opt. C5 – Calibration Service 5 years.
Opt. D1 – Calibration Data Report.
Opt. D3 – Calibration Data Report 3 years
(with Opt. C3).
Opt. D5 – Calibration Data Report 5 years
(with Opt. C5).
Opt. CA1 – Provides a single calibration event or
coverage for the designated calibration interval,
whichever comes first.
Service Offerings (Available
After Purchase)
TDSxxxxB-CA1 – Provides a single calibration
event or coverage for the designated calibration
interval, whichever comes first.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com