Electronic Components Datasheet Search
  English  ▼

X  

36DY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 36DY
Description  Aluminum Capacitors 85 °C, Large Can
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

36DY Datasheet(HTML) 2 Page - Vishay Siliconix

  36DY Datasheet HTML 1Page - Vishay Siliconix 36DY Datasheet HTML 2Page - Vishay Siliconix 36DY Datasheet HTML 3Page - Vishay Siliconix 36DY Datasheet HTML 4Page - Vishay Siliconix 36DY Datasheet HTML 5Page - Vishay Siliconix 36DY Datasheet HTML 6Page - Vishay Siliconix 36DY Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
36DY
www.vishay.com
Vishay Sprague
Revision: 18-Mar-13
2
Document Number: 42065
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
EY
1.750 (44.0)
1.875 (48.0)
1.828 (46.4)
2.000 (50.8)
2.099 (53.3)
0.750 (19.1)
88.0
EA
1.750 (44.0)
2.125 (54.0)
1.828 (46.4)
2.250 (57.2)
2.349 (59.7)
0.750 (19.1)
102.0
EM
1.750 (44.0)
2.625 (67.0)
1.828 (46.4)
2.750 (69.9)
2.849 (72.4)
0.750 (19.1)
133.0
EB
1.750 (44.0)
3.125 (79.0)
1.828 (46.4)
3.250 (82.6)
3.349 (85.1)
0.750 (19.1)
167.0
EL
1.750 (44.0)
3.625 (92.0)
1.828 (46.4)
3.750 (95.3)
3.849 (97.8)
0.750 (19.1)
198.0
EC
1.750 (44.0)
4.125 (105.0)
1.828 (46.4)
4.250 (108.0)
4.349 (110.5)
0.750 (19.1)
230.0
ED
1.750 (44.0)
4.625 (117.0)
1.828 (46.4)
4.750 (120.7)
4.849 (123.2)
0.750 (19.1)
252.0
EE
1.750 (44.0)
5.125 (130.0)
1.828 (46.4)
5.250 (133.4)
5.349 (135.9)
0.750 (19.1)
269.0
EF
1.750 (44.0)
5.625 (143.0)
1.828 (46.4)
5.750 (146.1)
5.849 (148.6)
0.750 (19.1)
318.0
BY
2.000 (51.0)
1.875 (48.0)
2.078 (52.8)
2.000 (50.8)
2.099 (53.3)
0.875 (22.2)
113.0
BA
2.000 (51.0)
2.125 (54.0)
2.078 (52.8)
2.250 (57.2)
2.349 (59.7)
0.875 (22.2)
133.0
BM
2.000 (51.0)
2.625 (67.0)
2.078 (52.8)
2.750 (69.9)
2.849 (72.4)
0.875 (22.2)
176.0
BB
2.000 (51.0)
3.125 (79.0)
2.078 (52.8)
3.250 (82.6)
3.349 (85.1)
0.875 (22.2)
213.0
BL
2.000 (51.0)
3.625 (92.0)
2.078 (52.8)
3.750 (95.3)
3.849 (97.8)
0.875 (22.2)
261.0
BC
2.000 (51.0)
4.125 (105.0)
2.078 (52.8)
4.250 (108.0)
4.349 (110.5)
0.875 (22.2)
381.0
BD
2.000 (51.0)
4.625 (117.0)
2.078 (52.8)
4.750 (120.7)
4.849 (123.2)
0.875 (22.2)
326.0
BE
2.000 (51.0)
5.125 (130.0)
2.078 (52.8)
5.250 (133.4)
5.349 (135.9)
0.875 (22.2)
337.0
BF
2.000 (51.0)
5.625 (143.0)
2.078 (52.8)
5.750 (146.1)
5.849 (148.6)
0.875 (22.2)
408.0
CB
2.500 (64.0)
3.125 (79.0)
2.578 (65.5)
3.250 (82.6)
n/a
1.125 (28.6)
329.0
CL
2.500 (64.0)
3.625 (92.0)
2.578 (65.5)
3.750 (95.3)
n/a
1.125 (28.6)
400.0
CC
2.500 (64.0)
4.125 (105.0)
2.578 (65.5)
4.250 (108.0)
n/a
1.125 (28.6)
473.0
CD
2.500 (64.0)
4.625 (117.0)
2.578 (65.5)
4.750 (120.7)
n/a
1.125 (28.6)
562.0
CE
2.500 (64.0)
5.125 (130.0)
2.578 (65.5)
5.250 (133.4)
n/a
1.125 (28.6)
607.0
CF
2.500 (64.0)
5.625 (143.0)
2.578 (65.5)
5.750 (146.1)
n/a
1.125 (28.6)
675.0
DB
3.000 (76.0)
3.125 (79.0)
3.078 (78.2)
3.250 (82.6)
n/a
1.250 (31.8)
496.0
DL
3.000 (76.0)
3.625 (92.0)
3.078 (78.2)
3.750 (95.3)
n/a
1.250 (31.8)
598.0
DC
3.000 (76.0)
4.125 (105.0)
3.078 (78.2)
4.250 (108.0)
n/a
1.250 (31.8)
700.0
DD
3.000 (76.0)
4.625 (117.0)
3.078 (78.2)
4.750 (120.7)
n/a
1.250 (31.8)
802.0
DE
3.000 (76.0)
5.125 (130.0)
3.078 (78.2)
5.250 (133.4)
n/a
1.250 (31.8)
944.0
DF
3.000 (76.0)
5.625 (143.0)
3.078 (78.2)
5.750 (146.1)
n/a
1.250 (31.8)
1004.0
DJ
3.000 (76.0)
8.625 (219.0)
3.078 (78.2)
8.750 (222.3)
n/a
1.250 (31.8)
1403.0
DIMENSIONS in inches (millimeters)
BRACKETS (RoHS COMPLIANT)
TYPE
PART NUMBER
A
B
C
FIGURE NUMBER
2 feet
1245860035A
1.375 (34.9)
1.781 (45.2)
2.218 (56.3)
1
3 feet
1245860036A
2.000 (50.8)
2.500 (63.5)
2.875 (73.0)
2
3 feet
1245860037A
2.500 (63.5)
3.000 (76.2)
3.375 (85.7)
2
3 feet
1245860038A
3.000 (76.2)
3.500 (88.9)
3.875 (98.4)
2
SCREW INSERT TERMINAL DIMENSIONS
TERMINAL CODE
THREAD
THREAD DEPTH
HEIGHT
J ± 0.032 (0.8)
DIAMETER
S ± 0.010 (0.25)
DIAMETER
T ± 0.010 (0.25)
NOTES
A
10-32 NF-28
0.219 (5.6)
0.063 (1.6)
0.313 (8.0)
0.438 (11.1)
All cases codes
B
10-32 NF-28
0.375 (9.5)
0.250 (6.4)
0.313 (8.0)
0.438 (11.1)
All cases codes
D
1/4-28 NF-28
0.344 (8.7)
0.093 (2.4)
0.688 (17.5)
-
C and D dia. codes only
DIMENSIONS in inches (millimeters)
LARGE CAN CAPACITORS
CASE
CODE
NOMINAL
WITH INSULATION SLEEVE
TERMINAL SPACING
M ± 0.016 (0.4)
TYPICAL
WEIGHT
(g)
D
± 0.032 (0.8)
L
± 0.063 (1.6)
D
(Max.)
L
(Max.)
P TERMINAL
H (Max.)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com