Electronic Components Datasheet Search
  English  ▼

X  

36DY Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 36DY
Description  Aluminum Capacitors 85 °C, Large Can
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

36DY Datasheet(HTML) 3 Page - Vishay Siliconix

  36DY Datasheet HTML 1Page - Vishay Siliconix 36DY Datasheet HTML 2Page - Vishay Siliconix 36DY Datasheet HTML 3Page - Vishay Siliconix 36DY Datasheet HTML 4Page - Vishay Siliconix 36DY Datasheet HTML 5Page - Vishay Siliconix 36DY Datasheet HTML 6Page - Vishay Siliconix 36DY Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
36DY
www.vishay.com
Vishay Sprague
Revision: 18-Mar-13
3
Document Number: 42065
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS AND AVAILABLE FORMS
Screw Insert Terminals
ORDERING EXAMPLE
Electrolytic capacitor 36DY series: 36DY 683 F 6R3 AA 2 A
DESCRIPTION
CODE
EXPLANATION
36DY
Product type
683
Capacitance value (68 000 μF)
F
Tolerance (G = - 10 %/+ 75 %; F = - 10 %/+ 50 %)
6R3
Voltage rating at 85 °C (6.3 V)
AA
Can size (see dimensions table)
2
PVC insulating sleeve
A
Terminal code (low insert 10-32 screw thread)
M
Vent
PVC sleeve
Insulating disc
J
M
S
T
L
nom.
D
nom.
D
max.
0.187
[4.8]
0.156
[4.0]
0.218
[5.5]
0.125
[3.2]
0.750
[19.1]
0.562
[14.3]
C
0.125
[3.2]
0.250 [6.3]
2 holes
0.149 [3.8] dia.
2 holes
0.201 [5.1] dia.
0.035
[0.9]
0.375 [9.5]
0.312
[7.9]
0.281
[7.1]
0.035
[0.9]
B
B
0.500
[12.7]
0.25 [6.3]
0.406
[10.3]
C
15°
30°
30°
A
0.406 [10.3]
0.281 [7.1]
0.176
[4.5]
1.125
[28.6]
0.750
[19.1]
A
30°
0.375 [9.5]
L
max.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com