Electronic Components Datasheet Search
  English  ▼

X  

FDI3652 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDI3652
Description  N-Channel PowerTrench MOSFET 100V, 61A, 16m?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDI3652 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDI3652 Datasheet HTML 1Page - Fairchild Semiconductor FDI3652 Datasheet HTML 2Page - Fairchild Semiconductor FDI3652 Datasheet HTML 3Page - Fairchild Semiconductor FDI3652 Datasheet HTML 4Page - Fairchild Semiconductor FDI3652 Datasheet HTML 5Page - Fairchild Semiconductor FDI3652 Datasheet HTML 6Page - Fairchild Semiconductor FDI3652 Datasheet HTML 7Page - Fairchild Semiconductor FDI3652 Datasheet HTML 8Page - Fairchild Semiconductor FDI3652 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
FDB3652 / FDP3652 / FDI3652 Rev. B
Typical Characteristics T
C = 25°C unless otherwise noted
Figure 1. Normalized Power Dissipation vs
Ambient Temperature
Figure 2. Maximum Continuous Drain Current vs
Case Temperature
Figure 3. Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
TC, CASE TEMPERATURE (
oC)
0
0
255075
100
175
0.2
0.4
0.6
0.8
1.0
1.2
125
150
0
25
50
75
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (
oC)
0.1
1
10-5
10-4
10-3
10-2
10-1
100
101
0.01
2
t , RECTANGULAR PULSE DURATION (s)
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
0.5
0.2
0.1
0.05
0.01
0.02
DUTY CYCLE - DESCENDING ORDER
SINGLE PULSE
100
1000
50
t, PULSE WIDTH (s)
10-5
10-4
10-3
10-2
10-1
100
101
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
VGS = 10V
I = I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
TC = 25
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com