Electronic Components Datasheet Search
  English  ▼

X  

FDI3652 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDI3652
Description  N-Channel PowerTrench MOSFET 100V, 61A, 16m?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDI3652 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDI3652 Datasheet HTML 1Page - Fairchild Semiconductor FDI3652 Datasheet HTML 2Page - Fairchild Semiconductor FDI3652 Datasheet HTML 3Page - Fairchild Semiconductor FDI3652 Datasheet HTML 4Page - Fairchild Semiconductor FDI3652 Datasheet HTML 5Page - Fairchild Semiconductor FDI3652 Datasheet HTML 6Page - Fairchild Semiconductor FDI3652 Datasheet HTML 7Page - Fairchild Semiconductor FDI3652 Datasheet HTML 8Page - Fairchild Semiconductor FDI3652 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
October 2002
FDB3652 / FDP3652 / FDI3652 Rev. B
FDB3652 / FDP3652 / FDI3652
N-Channel PowerTrench® MOSFET
100V, 61A, 16m
Ω
Features
•rDS(ON) = 14mΩ (Typ.), VGS = 10V, ID = 61A
•Qg(tot) = 41nC (Typ.), VGS = 10V
• Low Miller Charge
•Low QRR Body Diode
• UIS Capability (Single Pulse and Repetitive Pulse)
• Qualified to AEC Q101
Formerly developmental type 82769
Applications
• DC/DC Converters and Off-line UPS
• Distributed Power Architectures and VRMs
• Primary Switch for 24V and 48V Systems
• High Voltage Synchronous Rectifier
• Direct Injection / Diesel Injection Systems
• 42V Automotive Load Control
• Electronic Valve Train Systems
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For a
copy of the requirements, see AEC Q101 at: http://www.aecouncil.com/
Reliability data can be found at: http://www.fairchildsemi.com/products/discrete/reliability/index.html.
All Fairchild Semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems
certification.
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
100
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
61
A
Continuous (TC = 25
oC, V
GS = 10V)
Continuous (TC = 100
oC, V
GS = 10V)
43
A
Continuous (Tamb = 25
oC, V
GS = 10V) with R
θJA = 43
oC/W)
9
A
Pulsed
Figure 4
A
EAS
Single Pulse Avalanche Energy (Note 1)
182
mJ
PD
Power dissipation
150
W
Derate above 25
oC1.0
W/
oC
TJ, TSTG
Operating and Storage Temperature
-55 to 175
oC
RθJC
Thermal Resistance Junction to Case TO-220, TO-263, TO-262
1.0
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-220, TO-263, TO-262 (Note 2)
62
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-263, 1in
2 copper pad area
43
oC/W
D
G
S
TO-263AB
FDB SERIES
GATE
SOURCE
DRAIN
(FLANGE)
TO-220AB
DRAIN
(FLANGE)
FDP SERIES
GATE
DRAIN
SOURCE
GATE
DRAIN
SOURCE
DRAIN
(FLANGE)
TO-262AA
FDI SERIES


Similar Part No. - FDI3652

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDI3652 ISC-FDI3652 Datasheet
456Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - FDI3652

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC3612 FAIRCHILD-FDC3612 Datasheet
134Kb / 5P
100V N-Channel PowerTrench MOSFET
FDD3680 FAIRCHILD-FDD3680 Datasheet
75Kb / 5P
100V N-Channel PowerTrench MOSFET
FDD3690 FAIRCHILD-FDD3690 Datasheet
84Kb / 5P
100V N-Channel PowerTrench MOSFET
FDS3670 FAIRCHILD-FDS3670 Datasheet
204Kb / 8P
100V N-Channel PowerTrench??MOSFET
FDS3680 FAIRCHILD-FDS3680 Datasheet
202Kb / 8P
100V N-Channel PowerTrench MOSFET
FDT3612 FAIRCHILD-FDT3612 Datasheet
108Kb / 5P
100V N-Channel PowerTrench MOSFET
FDC3616N FAIRCHILD-FDC3616N Datasheet
173Kb / 7P
100V N-Channel PowerTrench MOSFET
FDS3170N7 FAIRCHILD-FDS3170N7 Datasheet
208Kb / 6P
100V N-Channel PowerTrench MOSFET
FDB3652 FAIRCHILD-FDB3652_08 Datasheet
476Kb / 11P
N-Channel PowerTrench짰 MOSFET 100V, 61A, 16m廓
FDB3652_F085 FAIRCHILD-FDB3652_F085 Datasheet
476Kb / 11P
N-Channel PowerTrench짰 MOSFET 100V, 61A, 16m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com