Electronic Components Datasheet Search
  English  ▼

X  

36.053 Datasheet(PDF) 16 Page - Altech corporation

Part # 36.053
Description  FIXED PRINTED CIRCUIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

36.053 Datasheet(HTML) 16 Page - Altech corporation

Back Button 36.053 Datasheet HTML 12Page - Altech corporation 36.053 Datasheet HTML 13Page - Altech corporation 36.053 Datasheet HTML 14Page - Altech corporation 36.053 Datasheet HTML 15Page - Altech corporation 36.053 Datasheet HTML 16Page - Altech corporation 36.053 Datasheet HTML 17Page - Altech corporation 36.053 Datasheet HTML 18Page - Altech corporation 36.053 Datasheet HTML 19Page - Altech corporation 36.053 Datasheet HTML 20Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Altech Corp.® • 35 Royal Road • Flemington NJ 08822-6000 • Phone (908) 806-9400 • Fax (908) 806-9490
127
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
STLZ11/2-o
38.902
10.16 ( .40)
100
STLZ11/3-o
38.903
15.26 ( .60)
100
STLZ11/4-o
38.904
20.30 ( .80)
50
STLZ11/5-o
38.905
25.31 (1.00)
50
STLZ11/6-o
38.906
30.35 (1.20)
50
STLZ11/7-o
38.907
35.45 (1.40)
30
STLZ11/8-o
38.908
40.79 (1.60)
30
STLZ11/9-o
38.909
45.86 (1.80)
30
STLZ11/10-o
38.910
50.80 (2.00)
30
STLZ955/2-w
37.202
11.36 ( .45)
100
STLZ955/3-w
37.203
16.44 ( .65)
100
STLZ955/4-w
37.204
21.52 ( .85)
50
STLZ955/5-w
37.205
26.60 (1.05)
50
STLZ955/6-w
37.206
31.68 (1.25)
50
STLZ955/7-w
37.207
36.76 (1.45)
30
STLZ955/8-w
37.208
41.84 (1.65)
30
STLZ955/9-w
37.209
46.92 (1.85)
30
STLZ955/10-w
37.210
52.00 (2.05)
30
STLZ955/11-w
37.211
57.08 (2.25)
20
STLZ955/12-w
37.212
62.16 (2.45)
20
STLZ955/13-w
37.213
67.24 (2.65)
20
STLZ955/14-w
37.214
72.32 (2.85)
20
STLZ955/15-w
37.215
77.40 (3.05)
20
STLZ955/16-w
37.216
82.48 (3.25)
15
STLZ955/17-w
37.217
87.56 (3.45)
15
STLZ955/18-w
37.218
92.64 (3.65)
15
STLZ955/19-w
37.219
97.72 (3.85)
15
STLZ955/20-w
37.220
102.80 (4.05)
15
STLZ955/21-w
37.221
107.88 (4.25)
10
STLZ955/22-w
37.222
112.96 (4.45)
10
STLZ955/23-w
37.223
118.04 (4.65)
10
STLZ955/24-w
37.224
123.13 (4.85)
10
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
Current
Voltage
12A
250V
15A
300V
15A
300V
Current
Voltage
12A
250V
15A
300V
15A
300V
STLZ955/2-o
37.502
10.08 ( .40)
100
STLZ955/3-o
37.503
15.16 ( .59)
100
STLZ955/4-o
37.504
20.24 ( .80)
50
STLZ955/5-o
37.505
25.32 (1.00)
50
STLZ955/6-o
37.506
30.40 (1.20)
50
STLZ955/7-o
37.507
35.48 (1.40)30
STLZ955/8-o
37.508
40.56 (1.60)
30
STLZ955/9-o
37.509
45.64 (1.80)
30
STLZ955/10-o
37.510
50.72 (2.00)
30
STLZ955/11-o
37.511
55.80 (2.20)
20
STLZ955/12-o
37.512
60.88 (2.40)
20
STLZ955/13-o
37.513
65.96 (2.60)
20
STLZ955/14-o
37.514
71.04 (2.80)
20
STLZ955/15-o
37.515
76.12 (3.00)
20
STLZ955/16-o
37.516
81.20 (3.20)
15
STLZ955/17-o
37.517
86.28 (3.40)
15
STLZ955/18-o
37.518
91.36 (3.60)
15
STLZ955/19-o
37.519
96.44 (3.80)
15
STLZ955/20-o
37.520
101.52 (4.00)
15
STLZ955/21-o
37.521
106.60 (4.20)
10
STLZ955/22-o
37.522
111.68 (4.40)
10
STLZ955/23-o
37.523
116.76 (4.60)
10
STLZ955/24-o
37.524
121.84 (4.80)
10
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
Pin Spacing 5.08mm (.200)
Use with AKZ
950, BU02, BU04, AKZ1200
Plugs
Pin Spacing 5.08mm (.200)
Use with AKZ
950, BU02, BU04, AKZ1200
Plugs
Pin Spacing 5.08mm (.200)
Use with AKZ
950, BU02, BU04, AKZ1200
Plugs
STLZ11-O
Horizontal - Open Ends
STLZ955-W
Vertical - Closed Ends
STLZ955-O
Vertical - Open Ends
Standoff foot for improved plug accessibility
Current
Voltage
12A
250V
15A
300V
15A
300V
®
®
®
®
1mm
®
®
5.08mm
L
®
®
17mm
8.2mm
2mm
8.4mm
®
®
®
®
®
3.8mm
7.9mm
®
®
®
L
®
®
®
®
5.08mm
1mm
3.8mm
®
L
®
®
®
®
®
5.08mm
8.4mm
®
®
®
®
®
7.9mm
®
1mm
PREVIOUS
HOME
NEXT
FIND IT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com