Electronic Components Datasheet Search
  English  ▼

X  

36.053 Datasheet(PDF) 18 Page - Altech corporation

Part # 36.053
Description  FIXED PRINTED CIRCUIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

36.053 Datasheet(HTML) 18 Page - Altech corporation

Back Button 36.053 Datasheet HTML 12Page - Altech corporation 36.053 Datasheet HTML 13Page - Altech corporation 36.053 Datasheet HTML 14Page - Altech corporation 36.053 Datasheet HTML 15Page - Altech corporation 36.053 Datasheet HTML 16Page - Altech corporation 36.053 Datasheet HTML 17Page - Altech corporation 36.053 Datasheet HTML 18Page - Altech corporation 36.053 Datasheet HTML 19Page - Altech corporation 36.053 Datasheet HTML 20Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Altech Corp.® • 35 Royal Road • Flemington NJ 08822-6000 • Phone (908) 806-9400 • Fax (908) 806-9490
129
No. of
Ordering Information
Poles
Double Level Header,
4
US (Inch) Pin Spacing
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
STANDARD PLUGGABLE
PRINTED CIRCUIT
US Pin Spacinga
Double Level Headers
Horizontal and vertical open end
headers offer different wire entry options
and enhance plug accessibility. Ideal for
applications where board real estate is
limited or where high density wiring is
required.
• Multipole, Modular Construction
• High Density
• Horizontal or Vertical, Open Ends
• Housing Material: Polyamide 6.6
• Standard Color: Green
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
STLZ970/4-o
37.854
12.26 ( .48)
60
STLZ970/6-o
37.856
17.34 ( .68)
40
STLZ970/8-o
37.858
22.42 ( .88)
30
STLZ970/10-o
37.860
27.50 (1.08)
24
STLZ970/12-o
37.862
32.58 (1.28)
20
STLZ970/14-o
37.864
37.66 (1.48)
17
STLZ970/16-o
37.866
42.74 (1.68)
15
STLZ970/18-o
37.868
47.82 (1.88)
13
STLZ970/20-o
37.870
52.90 (2.08)
12
STLZ970/22-o
37.872
57.98 (2.28)
11
STLZ970/24-o
37.874
63.06 (2.48)
10
STLZ970/26-o
37.876
68.14 (2.68)
9
STLZ970/28-o
37.878
73.22 (2.88)
9
STLZ970/30-o
37.880
78.30 (3.08)
8
STLZ970/32-o
37.882
83.38 (3.28)
8
STLZ970/34-o
37.884
88.46 (3.48)
7
STLZ970/36-o
37.886
93.54 (3.68)
7
STLZ970/38-o
37.888
98.62 (3.88)
6
STLZ970/40-o
37.890
103.70 (4.08)
6
STLZ970/42-o
37.892
108.78 (4.28)
6
STLZ970/44-o
37.894
113.86 (4.48)
5
STLZ970/46-o
37.896
118.94 (4.68)
5
STLZ970/48-o
37.898
124.02 (4.88)
5
Current
Voltage
12A
250V
15A
300V
15A
300V
Current
Voltage
12A
250V
15A
300V
15A
300V
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
STLZ975/4-o
37.804
12.26 ( .48)
60
STLZ975/6-o
37.806
17.34 ( .68)
40
STLZ975/8-o
37.808
22.42 ( .88)
30
STLZ975/10-o
37.810
27.50 (1.08)
24
STLZ975/12-o
37.812
32.58 (1.28)
20
STLZ975/14-o
37.814
37.66 (1.48)
17
STLZ975/16-o
37.816
42.74 (1.68)
15
STLZ975/18-o
37.818
47.82 (1.88)
13
STLZ975/20-o
37.820
52.90 (2.08)
12
STLZ975/22-o
37.822
57.98 (2.28)
11
STLZ975/24-o
37.824
63.06 (2.48)
10
STLZ975/26-o
37.826
68.14 (2.68)
9
STLZ975/28-o
37.828
73.22 (2.88)
9
STLZ975/30-o
37.830
78.30 (3.08)
8
STLZ975/32-o
37.832
83.38 (3.28)
8
STLZ975/34-o
37.834
88.46 (3.48)
7
STLZ975/36-o
37.836
93.54 (3.68)
7
STLZ975/38-o
37.838
98.62 (3.88)
6
STLZ975/40-o
37.840
103.70 (4.08)
6
STLZ975/42-o
37.842
108.78 (4.28)
6
STLZ975/44-o
37.844
113.86 (4.48)
5
STLZ975/46-o
37.846
118.94 (4.68)
5
STLZ975/48-o
37.848
124.02 (4.88)
5
IEC/VDE
(File No. E101811)
(File No. LR68503)
aBlocks with metric pin spacing
begin on page 132.
Ratings
STLZ975-0
Header
Vertical - Open Ends
Pin Spacing 5.08mm (.200)
Use with AKZ950, AKZ1200 Plugs
STLZ970-0
Header
Horizontal - Open Ends
Pin Spacing 5.08mm (.200)
Use with AKZ950, AKZ1200 Plugs
Dimensions
mm
in.
mm
in.
1.00
0.039
10.16
0.400
2.00
0.079
12.00
0.472
2.54
0.100
15.24
0.600
3.50
0.138
22.00
0.866
3.80
0.150
23.50
0.925
5.08
0.200
8.40
0.331
®
L
®
2.54mm
1mm
5.08mm
5.08mm
2.54mm
®
®
®
22mm
12mm
2mm
10.16mm
®
®
®
®
®
®
®
23.5mm
®
®
8.4mm
15.24mm
®
®
3.8mm
®
L
2.54mm
1mm
5.08mm
5.08mm
2.54mm
®
®
®
PREVIOUS
HOME
NEXT
FIND IT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com