Electronic Components Datasheet Search
  English  ▼

X  

MPS6571 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPS6571
Description  Amplifier Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPS6571 Datasheet(HTML) 4 Page - Motorola, Inc

  MPS6571 Datasheet HTML 1Page - Motorola, Inc MPS6571 Datasheet HTML 2Page - Motorola, Inc MPS6571 Datasheet HTML 3Page - Motorola, Inc MPS6571 Datasheet HTML 4Page - Motorola, Inc MPS6571 Datasheet HTML 5Page - Motorola, Inc MPS6571 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MPS6571
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (mA)
0.4
1.0
2.0
3.0
4.0
0.3
0.01
0.05
2.0
3.0
10
0.02
0.03
0.2
1.0
0.1
5.0
VCE = 5.0 V
TA = 125°C
25
°C
– 55
°C
0.7
0.5
0.5
0.2
0.3
0.01 0.02
0.05 0.1 0.2
0.5
1.0 2.0
5.0
10
20
50
100
Figure 9. “On” Voltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
Figure 10. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
0.01
0
– 0.8
– 1.2
– 1.6
– 2.4
TJ = 25°C
VCE(sat) @ IC/IB = 10
VBE @ VCE = 5.0 V
TJ = 25°C to 125°C
– 55
°C to 25°C
– 0.4
– 2.0
0.02
0.05 0.1 0.2
0.5
1.0 2.0
5.0
10 20
50
100
8.0
0.8
1.0
2.0
3.0
4.0
6.0
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
TJ = 25°C
Ccb
Cob
Ceb
Cib
1.0
2.0
5.0
3.0
7.0 10
20
30
50 70 100
500
300
200
70
50
100
VCE = 5.0 V
TJ = 25°C
Figure 11. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
Figure 12. Current–Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com