Electronic Components Datasheet Search
  English  ▼

X  

MPS6571 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPS6571
Description  Amplifier Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPS6571 Datasheet(HTML) 3 Page - Motorola, Inc

  MPS6571 Datasheet HTML 1Page - Motorola, Inc MPS6571 Datasheet HTML 2Page - Motorola, Inc MPS6571 Datasheet HTML 3Page - Motorola, Inc MPS6571 Datasheet HTML 4Page - Motorola, Inc MPS6571 Datasheet HTML 5Page - Motorola, Inc MPS6571 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MPS6571
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 2. Effects of Frequency
f, FREQUENCY (Hz)
7.0
10
20
30
5.0
Figure 3. Effects of Collector Current
IC, COLLECTOR CURRENT (mA)
Figure 4. Noise Current
f, FREQUENCY (Hz)
Figure 5. Wideband Noise Figure
RS, SOURCE RESISTANCE (OHMS)
3.0
10
NOISE CHARACTERISTICS
(VCE = 5.0 Vdc, TA = 25°C)
NOISE VOLTAGE
20
50 100 200
500 1 k 2 k
5 k 10 k 20 k
50 k 100 k
BANDWIDTH = 1.0 Hz
BANDWIDTH = 1.0 Hz
BANDWIDTH = 1.0 Hz
IC = 10 mA
300
µA
30
µA
RS ≈ 0
3.0 mA
1.0 mA
7.0
10
20
30
5.0
3.0
0.01 0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
RS ≈ 0
f = 10 Hz
100 Hz
1.0 kHz
10 kHz
100 kHz
IC = 10 mA
3.0 mA
1.0 mA
300
µA
100
µA
10
µA
RS ≈ 0
10
10
20
50 100 200
500 1 k 2 k
5 k 10 k 20 k
50 k 100 k
0.1
0.2
0.3
1.0
0.7
2.0
3.0
5.0
7.0
10
20
50 100 200
500 1 k 2 k
5 k 10 k 20 k 50 k 100 k
0
4.0
8.0
12
16
20
BANDWIDTH = 10 Hz to 15.7 kHz
IC = 1.0 mA
500
µA
100
µA
10
µA
100 Hz NOISE DATA
300
200
100
3.0
5.0
7.0
10
20
30
50
70
RS, SOURCE RESISTANCE (OHMS)
10
20
50 100 200
500 1 k 2 k
5 k 10 k 20 k 50 k 100 k
0
4.0
8.0
12
16
20
Figure 6. Total Noise Voltage
BANDWIDTH = 1.0 Hz
IC = 10 mA
3.0 mA
1.0 mA
300
µA
100
µA
30
µA
10
µA
10
20
50 100 200
500 1 k
2 k
5 k 10 k 20 k 50 k 100 k
IC = 10 mA
300
µA
100
µA
30
µA
3.0 mA
1.0 mA
10
µA
BANDWIDTH = 1.0 Hz
RS, SOURCE RESISTANCE (OHMS)
Figure 7. Noise Figure
0.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com