Electronic Components Datasheet Search
  English  ▼

X  

IP4234CZ6 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # IP4234CZ6
Description  Single USB 2.0 ESD protection to IEC 61000-4-2 level 4
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4234CZ6 Datasheet(HTML) 4 Page - NXP Semiconductors

  IP4234CZ6 Datasheet HTML 1Page - NXP Semiconductors IP4234CZ6 Datasheet HTML 2Page - NXP Semiconductors IP4234CZ6 Datasheet HTML 3Page - NXP Semiconductors IP4234CZ6 Datasheet HTML 4Page - NXP Semiconductors IP4234CZ6 Datasheet HTML 5Page - NXP Semiconductors IP4234CZ6 Datasheet HTML 6Page - NXP Semiconductors IP4234CZ6 Datasheet HTML 7Page - NXP Semiconductors IP4234CZ6 Datasheet HTML 8Page - NXP Semiconductors IP4234CZ6 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IP4234CZ6_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 16 April 2009
4 of 9
NXP Semiconductors
IP4234CZ6
Single USB 2.0 ESD protection to IEC 61000-4-2 level 4
8.
Package outline
Fig 2.
Package outline SOT457 (TSOP6)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT457
SC-74
wB
M
bp
D
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
scale
c
X
13
2
4
5
6
0
1
2 mm
Plastic surface-mounted package (TSOP6); 6 leads
SOT457
UNIT
A1
bp
cD
E
HE
Lp
Qy
w
v
mm
0.1
0.013
0.40
0.25
3.1
2.7
0.26
0.10
1.7
1.3
e
0.95
3.0
2.5
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
0.33
0.23
A
1.1
0.9
05-11-07
06-03-16



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com