Electronic Components Datasheet Search
  English  ▼

X  

IP4234CZ6 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IP4234CZ6
Description  Single USB 2.0 ESD protection to IEC 61000-4-2 level 4
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4234CZ6 Datasheet(HTML) 1 Page - NXP Semiconductors

  IP4234CZ6 Datasheet HTML 1Page - NXP Semiconductors IP4234CZ6 Datasheet HTML 2Page - NXP Semiconductors IP4234CZ6 Datasheet HTML 3Page - NXP Semiconductors IP4234CZ6 Datasheet HTML 4Page - NXP Semiconductors IP4234CZ6 Datasheet HTML 5Page - NXP Semiconductors IP4234CZ6 Datasheet HTML 6Page - NXP Semiconductors IP4234CZ6 Datasheet HTML 7Page - NXP Semiconductors IP4234CZ6 Datasheet HTML 8Page - NXP Semiconductors IP4234CZ6 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1.
Product profile
1.1 General description
The IP4234CZ6 is designed to protect Input/Output (I/O) USB 2.0 ports, that are sensitive
to capacitive loads, from being damaged by ElectroStatic Discharge (ESD). The
π-filter
structure is implemented with a small series resistor to provide the necessary protection
to signal and supply components from ESD voltages greater than
±8 kV contact discharge
according IEC 61000-4-2, level 4.
The ESD protection is independent of the supply voltage due to the rail-to-rail diode
architecture being connected to a Zener diode.
The IP4234CZ6 is fabricated using monolithic silicon technology and integrates two
ultra-low capacitance
π-filter ESD protection diodes plus a Zener diode in a miniature
6-lead SOT457 package.
1.2 Features
I Pb-free and RoHS compliant
I Simple, direct signal routing provides for high speed signal integrity
I ESD protection compliant to IEC 61000-4-2 level 4, ±8 kV contact discharge
I Significant reduction in peak clamping and peak residual current
I Four low input capacitance (2.0 pF typical) rail-to-rail ESD protection diodes
I Low voltage clamping due to an integrated Zener diode
I Small 6-lead SO6 (SOT457) package
I IEC 61000-4-5 15 A Lightning (8/20 µs) compliant
1.3 Applications
I General-purpose downstream ESD protection high frequency analog signals and
high-speed serial data transmission for ports inside:
N Cellular and PCS mobile handsets
N PC/Notebook USB2.0/IEEE1394 ports
N DVI interfaces
N HDMI interfaces
N Cordless telephones
N Wireless data (WAN/LAN) systems
N PDAs
IP4234CZ6
Single USB 2.0 ESD protection to IEC 61000-4-2 level 4
Rev. 01 — 16 April 2009
Product data sheet


Similar Part No. - IP4234CZ6

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
IP4234CZ6 NEXPERIA-IP4234CZ6 Datasheet
190Kb / 11P
Single USB 2.0 ESD protection to IEC 61000-4-2 level 4
Rev. 3.0 - 31 January 2018
logo
NXP Semiconductors
IP4234CZ6 PHILIPS-IP4234CZ6_15 Datasheet
68Kb / 9P
Single USB 2.0 ESD protection to IEC 61000-4-2 level 4
Rev. 01-16 April 2009
More results

Similar Description - IP4234CZ6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4220CZ6 PHILIPS-IP4220CZ6 Datasheet
128Kb / 6P
Dual USB 2.0 Integrated ESD protection to IEC 61000-4-2 level 4
2005 January 05
IP4221CZ6-S NXP-IP4221CZ6-S Datasheet
87Kb / 13P
Dual USB 2.0 integrated quad with ESD protection to IEC 61000-4-2, level 4 (Pb-free)
Rev. 01-29 April 2008
PRTR5V0U6AS NXP-PRTR5V0U6AS Datasheet
57Kb / 7P
High speed interface ESD protection to IEC 61000-4-2 level 4
Rev. 01-18 February 2008
PRTR5V0U8S NXP-PRTR5V0U8S Datasheet
58Kb / 7P
Integrated octal low-capacity ESD protection to IEC 61000-4-2 level 4
Rev. 01-14 January 2008
IP4234CZ6 PHILIPS-IP4234CZ6_15 Datasheet
68Kb / 9P
Single USB 2.0 ESD protection to IEC 61000-4-2 level 4
Rev. 01-16 April 2009
IP4059CX5 NXP-IP4059CX5 Datasheet
97Kb / 9P
Integrated USB 2.0 and USB OTG ESD protection to IEC 61000-4-2 level 4
Rev. 1-15 September 2011
logo
Nexperia B.V. All right...
IP4059CX5 NEXPERIA-IP4059CX5 Datasheet
329Kb / 10P
Integrated USB 2.0 and USB OTG ESD protection to IEC 61000-4-2 level 4
Rev. 1 - 15 September 2011
IP4234CZ6 NEXPERIA-IP4234CZ6 Datasheet
190Kb / 11P
Single USB 2.0 ESD protection to IEC 61000-4-2 level 4
Rev. 3.0 - 31 January 2018
PRTR5V0U6AS NEXPERIA-PRTR5V0U6AS Datasheet
172Kb / 8P
High speed interface ESD protection to IEC 61000-4-2 level 4
Rev. 01 - 18 February 2008
PRTR5V0U8S NEXPERIA-PRTR5V0U8S Datasheet
215Kb / 9P
Integrated octal low-capacity ESD protection to IEC 61000-4-2 level 4
Rev. 02 - 7 May 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com