Electronic Components Datasheet Search
  English  ▼

X  

IM02EB100K Datasheet(PDF) 6 Page - Vishay Siliconix

Part # IM02EB100K
Description  Inductors, Commercial, Molded, Axial Leaded
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IM02EB100K Datasheet(HTML) 6 Page - Vishay Siliconix

  IM02EB100K Datasheet HTML 1Page - Vishay Siliconix IM02EB100K Datasheet HTML 2Page - Vishay Siliconix IM02EB100K Datasheet HTML 3Page - Vishay Siliconix IM02EB100K Datasheet HTML 4Page - Vishay Siliconix IM02EB100K Datasheet HTML 5Page - Vishay Siliconix IM02EB100K Datasheet HTML 6Page - Vishay Siliconix IM02EB100K Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IM
www.vishay.com
Vishay Dale
Revision: 21-Feb-12
6
Document Number: 34030
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IM-8
2200.0
± 5
70
0.25
2.0
30.0
66
IM-8
2400.0
± 5
70
0.25
1.9
31.0
64
IM-8
2700.0
± 5
70
0.25
1.8
33.0
62
IM-8
3000.0
± 5
70
0.25
1.7
35.0
61
IM-8
3300.0
± 5
70
0.25
1.6
38.0
58
IM-8
3600.0
± 5
70
0.25
1.5
40.0
57
IM-9
68.0
± 10
70
2.5
13.0
3.3
168
IM-9
82.0
± 10
65
2.5
11.7
3.5
162
IM-9
100.0
± 10
65
2.5
10.7
3.8
155
IM-9
120.0
± 10
75
0.79
9.3
4.7
142
IM-9
150.0
± 10
75
0.79
8.3
5.3
132
IM-10
3900.0
± 5
80
0.25
1.45
44.0
61
IM-10
4300.0
± 5
80
0.25
1.40
46.0
59
IM-10
4700.0
± 5
80
0.25
1.35
48.0
58
IM-10
5000.0
± 5
80
0.25
1.30
50.0
57
IM-10
5600.0
± 5
80
0.25
1.25
53.0
56
IM-10
6200.0
± 5
80
0.25
1.20
56.0
54
IM-10
6800.0
± 5
80
0.25
1.15
59.0
52
IM-10
7500.0
± 5
80
0.25
1.10
62.0
51
IM-10
8200.0
± 5
80
0.25
1.05
65.0
50
IM-10
9100.0
± 5
80
0.25
1.00
68.0
49
IM-10
10 000.0
± 5
80
0.25
0.95
72.0
47
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
IND.
(μH)
TOL.
(%)
Q
MIN.
TEST FREQUENCY Q
(MHz)
SRF MIN.
(MHz) (1)
DCR MAX.
(
)
RATED DC CURRENT
(mA) (2)
Notes
(1) Measured with full length lead
(2) Rated DC current based on maximum temperature rise as shown in table
MAXIMUM TEMPERATURE RISE
OPERATING TEMPERATURE RANGE
IM-1
0.10 ìH to .47 ìH = 35 °C at + 90 °C ambient
- 55 °C to + 125 °C
0.56 ìH to 1000 ìH = 15 °C at + 90 °C ambient
- 55 °C to + 105 °C
IM-2
0.022 ìH to 1.0 ìH = 35 °C at + 90 °C ambient
- 55 °C to + 125 °C
1.2 ìH to 27 ìH = 15 °C at + 90 °C ambient
- 55 °C to + 105 °C
33 ìH to 1000 ìH = 15 °C at + 90 °C ambient
- 55 °C to + 105 °C
IM-4
0.15 ìH to 4.7 ìH = 35 °C at + 90 °C ambient
- 55 °C to + 125 °C
5.6 ìH to 33 ìH = 15 °C at + 90 °C ambient
- 55 °C to + 105 °C
36 ìH to 240 ìH = 15 °C at + 90 °C ambient
- 55 °C to + 105 °C
270 ìH to 1800 ìH = 35 °C at + 90 °C ambient
- 55 °C to + 125 °C
IM-6
0.1 ìH to 2.7 ìH = 35 °C at + 90 °C ambient
- 55 °C to + 125 °C
3.3 ìH to 1000 ìH = 15 °C at + 90 °C ambient
- 55 °C to + 105 °C
IM-8, IM-9, IM-10
= 15 °C at + 90 °C ambient
- 55 °C to + 105 °C
ORDERING INFORMATION
IM-2
10 μH
± 10 %
ER
e2
MODEL
INDUCTANCE
VALUE
INDUCTANCE
TOLERANCE
PACKAGE
CODE
JEDEC LEAD (Pb)-FREE
STANDARD
GLOBAL PART NUMBER
I
M
0
2
E
R
100
K
MODEL
PACKAGE
CODE
INDUCTANCE
VALUE
INDUCTANCE
TOLERANCE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com