Electronic Components Datasheet Search
  English  ▼

X  

IM02EB100K Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IM02EB100K
Description  Inductors, Commercial, Molded, Axial Leaded
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IM02EB100K Datasheet(HTML) 1 Page - Vishay Siliconix

  IM02EB100K Datasheet HTML 1Page - Vishay Siliconix IM02EB100K Datasheet HTML 2Page - Vishay Siliconix IM02EB100K Datasheet HTML 3Page - Vishay Siliconix IM02EB100K Datasheet HTML 4Page - Vishay Siliconix IM02EB100K Datasheet HTML 5Page - Vishay Siliconix IM02EB100K Datasheet HTML 6Page - Vishay Siliconix IM02EB100K Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IM
www.vishay.com
Vishay Dale
Revision: 21-Feb-12
1
Document Number: 34030
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Inductors, Commercial, Molded, Axial Leaded
ELECTRICAL SPECIFICATIONS
Inductance Tolerance: ± 1 %, ± 3 %, ± 5 %, ± 10 %,
± 20 %, oter tolerances available on request
Insulation
Resistance:
1000
M
minimum
per
MIL-STD-202, method 302, test condition B
Dielectric Strength: Per MIL-STD-202, method 301:
1000 VAC for IM-2, IM-4, IM-6, IM-8, IM-9 and IM-10
200 VAC for IM-1
TEST EQUIPMENT (1)
• H/P 4342A Q-meter
• Measurements corporation megacycle meter, model 59
• Wheatstone bridge
Note
(1) Test procedure per MIL-PRF-15305
MATERIAL SPECIFICATIONS
Encapsulant: Epoxy
Standard Terminals: IM-1 and IM-2: 24 AWG; IM-4, IM-6
and IM-9: 22 AWG; IM-8: 21 AWG; IM-10: 20 AWG, tinned
copper
FEATURES
• Wide inductance range in small package
• Flame retardant coating
• Precision
performance,
excellent
reliability,
sturdy construction
• Epoxy molded construction provides superior
moisture protection
• Compliant to RoHS Directive 2011/65/EU
MECHANICAL SPECIFICATIONS
Terminal Strength: Per MIL-STD-202, method 211, test
condition A: For IM-1, 3 lb pull; for IM-2, IM-4, IM-6, IM-8,
IM-9 and IM-10, 5 lb pull and twist
Weight: IM-1 = 0.25 g maximum, IM-2 = 0.30 g maximum,
IM-4 = 0.65 g maximum, IM-6 = 0.95 g maximum,
IM-8 = 1.5 g maximum, IM-9 = 2.0 g maximum,
IM-10 = 2.5 g maximum
ENVIRONMENTAL PERFORMANCE
TEST
CONDITIONS
SPECIFICATIONS
Barometric
Pressure
C
MIL-STD-202, method 105
Thermal Shock
A-1
MIL-STD-202, method 107
Flammability
-
MIL-STD-202, method 111
Overload
-
MIL-PRF-15305
Low Temperature
Storage
-
MIL-PRF-15305
Resistance to
Soldering Heat
A
MIL-STD-202, method 210
Resistance to
Solvents
-
MIL-STD-202, method 215
INDUCTANCE RANGE AND MILITARY STANDARD
MODEL
INDUCTANCE RANGE (μH)
MIN.
MAX.
IM-1
0.10
100
IM-2
0.022
0.082
0.10
1
1.2
27
33
1000
IM-4
0.15
4.7
5.6
33
36
240
270
1800
IM-6
0.10
2.7
3.3
27
33
220
270
1000
IM-8
1100
3600
IM-9
68
150
IM-10
3900
10 000
DIMENSIONS in inches [millimeters]
MODEL
A (DIA.)
B
C (TYP.)
D (DIA.)
IM-1
Max.
0.086 [2.18]
0.210 [5.33]
1.62 [41.15]
0.0215 [0.546]
Min.
0.070 [1.78]
0.190 [4.83]
1.38 [35.05]
0.0185 [0.470]
IM-2
Max.
0.105 [2.67]
0.260 [6.60]
1.63 [41.40]
0.0215 [0.546]
Min.
0.085 [2.16]
0.240 [6.10]
1.25 [31.75]
0.0185 [0.470]
IM-4
Max.
0.165 [4.19]
0.385 [9.78]
1.63 [41.40]
0.027 [0.686]
Min.
0.145 [3.68]
0.365 [9.27]
1.25 [31.75]
0.023 [0.584]
IM-6
Max.
0.200 [5.08]
0.450 [11.43]
1.63 [41.40]
0.027 [0.686]
Min.
0.180 [4.57]
0.430 [10.92]
1.25 [31.75]
0.023 [0.584]
IM-8
Max.
0.225 [5.72]
0.570 [14.48]
1.63 [41.40]
0.030 [0.762]
Min.
0.205 [5.21]
0.550 [13.97]
1.25 [31.75]
0.026 [0.660]
IM-9
Max.
0.260 [6.60]
0.570 [14.48]
1.63 [41.40]
0.027 [0.686]
Min.
0.240 [6.10]
0.550 [13.97]
1.25 [31.75]
0.023 [0.584]
IM-10
Max.
0.250 [6.35]
0.750 [19.05]
1.63 [41.40]
0.034 [0.864]
Min.
0.230 [5.84]
0.730 [18.54]
1.25 [31.75]
0.030 [0.762]
B
C
Typ.
A Dia.
D Dia.


Similar Part No. - IM02EB100K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IM02ERR47J VISHAY-IM02ERR47J Datasheet
88Kb / 7P
Inductors, Commercial, Molded, Axial Leaded
28-Aug-13
More results

Similar Description - IM02EB100K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Z25S ETC-Z25S Datasheet
45Kb / 2P
AXIAL LEADED EPOXY MOLDED
logo
Taiyo Yuden (U.S.A.), I...
LAL03TB470K TAIYO-YUDEN-LAL03TB470K Datasheet
615Kb / 23P
AXIAL LEADED INDUCTORS
logo
Vishay Siliconix
IM02ERR47J VISHAY-IM02ERR47J Datasheet
88Kb / 7P
Inductors, Commercial, Molded, Axial Leaded
28-Aug-13
logo
List of Unclassifed Man...
LAL04 ETC2-LAL04 Datasheet
615Kb / 23P
AXIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LAL02TB3R3K TAIYO-YUDEN-LAL02TB3R3K Datasheet
138Kb / 1P
Axial Leaded Inductors
LAL02TB6R8K TAIYO-YUDEN-LAL02TB6R8K Datasheet
138Kb / 1P
Axial Leaded Inductors
LAL02TB390K TAIYO-YUDEN-LAL02TB390K Datasheet
138Kb / 1P
Axial Leaded Inductors
LAL02TB820K TAIYO-YUDEN-LAL02TB820K Datasheet
138Kb / 1P
Axial Leaded Inductors
LAL02TBR33K TAIYO-YUDEN-LAL02TBR33K Datasheet
138Kb / 1P
Axial Leaded Inductors
LAL02VD2R7K TAIYO-YUDEN-LAL02VD2R7K Datasheet
138Kb / 1P
Axial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com