Electronic Components Datasheet Search
  English  ▼

X  

BCN31L Datasheet(PDF) 2 Page - Bi technologies

Part # BCN31L
Description  R/2R Ladder Network
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BCN31L Datasheet(HTML) 2 Page - Bi technologies

  BCN31L Datasheet HTML 1Page - Bi technologies BCN31L Datasheet HTML 2Page - Bi technologies BCN31L Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL BCN31
BCN31 Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
04.12
Moisture Resistance
1,000 hours at +40°C, 95% R.H. (3.0%
ΔR)
High Temperature Operation
1,000 hours at 70°C (3.0%
ΔR)
Short Time Overload
2.5 x rated voltage, 5 seconds (2.0%
ΔR)
Temperature Cycling
-55°C to +125°C, 5 cycles (1.0%
ΔR)
Resistance to Solder Heat
260°C for 10 seconds (1.0%
ΔR)
Load Life
1,000 hours at 70°C (3.0%
ΔR)
Wave Solder Process
Re-Flow Solder Process
P
A
B
C
X
Y
A
B
C
X
Y
.050
.084
.148
.014
.036
.032
.084
.148
.014
.036
.032
1.27
2.10
3.70
0.35
0.90
0.80
2.10
3.70
0.35
0.90
0.80
Environmental
Schematic
Solder Pad Layout (Inch/mm)
R
10
98
76
123
45
2R
2R
2R
2R
2R
2R
2R
2R
2R
RR
RR
R
R
C
P
Y
Y
A
X
X
B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com