Electronic Components Datasheet Search
  English  ▼

X  

BCN31L Datasheet(PDF) 3 Page - Bi technologies

Part # BCN31L
Description  R/2R Ladder Network
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BCN31L Datasheet(HTML) 3 Page - Bi technologies

  BCN31L Datasheet HTML 1Page - Bi technologies BCN31L Datasheet HTML 2Page - Bi technologies BCN31L Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BCN 31 AB L XXX G 7
Model Series
Width:
31 = 3.1mm
Edge Option:
AB = Square Edge, Convex Termination
Circuit Type:
L = Ladder
Packaging Option:
7 = 7" Tape & Reel, 4K/Reel
13 = 13" Tape & Reel, 16K/Reel
Tolerance:
G = ±2%
Resistance Code:
102 = 1K / 2K
103 = 10K / 20K
253 = 25K / 50K
503 = 50K / 100K
104 = 100K / 200K
MODEL BCN31
BCN31 Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
04.12
Value (R1/R2)
1K/2K
10K/20K
25K/50K
50K/100K
100K/200K
Code
102
103
253
503
104
Outline Dimensions (Inch/mm)
Power Derating Curve
Ordering Information
Standard Resistance Values, Ohms
Solder
Termination
.252±.008
6.4±0.20
.122±.008
3.10±0.20
.050±.002
1.27±.051
.032±.004
0.80±0.10
.012±.006
0.30±0.15
.012±.004
0.30±0.10
.022±.004
0.55±.10
L 253
100
80
60
40
20
0
-550
70
125
Percent of
Rated Power
Ambient Temperature (˚C)
LF
LF: RoHS compliant



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com