Electronic Components Datasheet Search
  English  ▼

X  

P232 Datasheet(PDF) 1 Page - Bi technologies

Part # P232
Description  24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/Bushing RoHS Compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

P232 Datasheet(HTML) 1 Page - Bi technologies

  P232 Datasheet HTML 1Page - Bi technologies P232 Datasheet HTML 2Page - Bi technologies P232 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Model P232/P233
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
May 1, 2009
page 1 of 3
BI technologies
24mm Rotary Potentiometer
Sealed/ Dust Proof
Long Life Element
2 Million Cycle Life
Metal Shaft/ Bushing
RoHS Compliant
MODEL STYLE
Side Adjust, Solder Lugs, Single-Gang
P232
Side Adjust, Solder Lugs, Dual-Gang
P233
ELECTRICAL1
Resistance Range, Ohms
1K-1M (for “B” taper)
5K-1M (for other tapers)
Standard Resistance Tolerance
± 10%
Residual Resistance
3 ohms max.
Input Voltage, Maximum
200 Vdc max.
Power rating, Watts
0.5W- B taper, 0.3W- others
Dielectric Strength
500Vac, I minute
Insulation Resistance, Minimum
100M ohms at 1,000Vdc/ 1 minute
Peak Noise (Contact Resistance Variation) @ 6 rpm
±3% max.
Linearity
±3% max.
Actual Electrical Travel, Nominal
280
°
Gang Error
±3dB (-40dB to 0dB)
MECHANICAL
Total Mechanical Travel
300
°± 5°
Static Stop Strength, Minimum
120 oz-in
Rotational Torque, Maximum, Single Gang (P232)
1.5 oz-in
Rotational Torque, Maximum, Dual Gang (P233)
3.0 oz-in
ENVIRONMENTAL
Operating Temperature Range
-10
°C to +85°C
Rotational Life
2,000,000 cycles
1
Specifications subject to change without notice.


Similar Part No. - P232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P232 ETC2-P232 Datasheet
47Kb / 2P
KNOBS AND DIAL PLATES
logo
TT Electronics.
P232 TTELEC-P232 Datasheet
607Kb / 3P
Long life element
logo
List of Unclassifed Man...
P232 ETC-P232 Datasheet
71Kb / 1P
KNOBS AND DIAL PLATES
logo
Connor-Winfield Corpora...
P232-155.52 CONNOR-WINFIELD-P232-155.52 Datasheet
130Kb / 2P
5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
logo
C-Media Electronics
P232-DEA20AR100K CMEDIA-P232-DEA20AR100K Datasheet
408Kb / 3P
24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/ Bushing RoHS Compliant
More results

Similar Description - P232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P231 ETC2-P231 Datasheet
306Kb / 3P
24mm Rotary Potentiometer Carbon Element Metal shaft / Bushing RoHS Compliant
logo
Bi technologies
P160 BITECH-P160 Datasheet
284Kb / 4P
16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi - Ganged available
P09X BITECH-P09X Datasheet
532Kb / 5P
9mm Rotary Potentiometer Multi - Ganged Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Switch / Push-Lock Option RoHS Compliant
P090 BITECH-P090 Datasheet
199Kb / 3P
9mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element 100,000 Cycle Life Snap-in Clip RoHS Compliant
P170N BITECH-P170N Datasheet
441Kb / 6P
17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element 100,000 Cycle Life Switch Option RoHS Compliant
logo
C-Media Electronics
P230-1FC20BR100K CMEDIA-P230-1FC20BR100K Datasheet
318Kb / 3P
24mm Rotary Potentiometer Conductive Plastic Element 500,000 Cycle Life Metal Shaft Brass Bushing RoHS Compliant
P232-SEC20BR100K CMEDIA-P232-SEC20BR100K Datasheet
408Kb / 3P
24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/ Bushing RoHS Compliant
logo
Bi technologies
P160 BITECH-P160_08 Datasheet
94Kb / 4P
16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi
P231 BITECH-P231 Datasheet
65Kb / 3P
24mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing RoHS Compliant
P233 BITECH-P233 Datasheet
84Kb / 3P
24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/ Bushing RoHS Compliant
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com