Electronic Components Datasheet Search
  English  ▼

X  

P232 Datasheet(PDF) 2 Page - Bi technologies

Part # P232
Description  24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/Bushing RoHS Compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

P232 Datasheet(HTML) 2 Page - Bi technologies

  P232 Datasheet HTML 1Page - Bi technologies P232 Datasheet HTML 2Page - Bi technologies P232 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model P232/P233
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
May 1, 2009
page 2 of 3
BI technologies
ORDERING INFORMATION2
Shaft Types
Shaft Position (F-Type Shaft)
Dashed lines on Type “C” and Type “A” shows position of adjustment slot for E-Type shaft
STANDARD RESISTANCE VALUES, OHMS
500
1K
2K
5K
10K
20K
50K
100K
200K
500K
1 M
2
Contact our customer service for custom designs and features.
P232 – S E C 20 B R100K
Model Series
Total Resistance
Shaft Type
Full CCW Shaft Position: see below
Shaft Length “L” see below
Tapers:
A = Audio
B = Linear
C = Reverse Audio
Seal Type:
S = Sealed
D = Dust Proof



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com