Electronic Components Datasheet Search
  English  ▼

X  

P260 Datasheet(PDF) 1 Page - Bi technologies

Part # P260
Description  12.7mm ( 1/2??) Square Rotary Potentiometer Sealed or Dust Proof Conductive Plastic Element 1,000
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

P260 Datasheet(HTML) 1 Page - Bi technologies

  P260 Datasheet HTML 1Page - Bi technologies P260 Datasheet HTML 2Page - Bi technologies P260 Datasheet HTML 3Page - Bi technologies P260 Datasheet HTML 4Page - Bi technologies P260 Datasheet HTML 5Page - Bi technologies P260 Datasheet HTML 6Page - Bi technologies P260 Datasheet HTML 7Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Model P260/P261
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
July 14, 2011
page 1 of 7
BI technologies
12.7mm ( ½” ) Square
Rotary Potentiometer
Sealed or Dust Proof
Conductive Plastic Element
1,000,000 Cycle Life
Rotary Switch Option
Detent Option
Multiple Gangs available
Wire Lead Options
RoHS Compliant
MODEL STYLES
Side Adjust, PCB Leads, Potentiometer Module (Up to 6 gangs)
P260P
Side Adjust, PCB Leads, with Rotary Switch Module (Up to 5 gangs)
P260S
Side Adjust, PCB Leads, with Detent Module (Up to 6 gangs)
P260D
Top Adjust, PCB Leads, Potentiometer Module (Up to 2 gangs)
P260T
Potentiometer Module with Wire Leads (Up to 6 gangs)
P260L
Potentiometer Module with Ribbon Cable (Up to 6 gangs)
P260R
Side Adjust, Solder Lug Leads, Potentiometer Module (Up to 6 gangs)
P261P
Side Adjust, Solder Lug Leads, with Rotary Switch Module (Up to 5 gangs)
P261S
Side Adjust, Solder Lug Leads, with Detent Module (Up to 6 gangs)
P261D
ELECTRICAL1
Resistance Range, Ohms
500 -1M (for “B” taper)
2K-1M (for other tapers)
Standard Resistance Tolerance
± 10%
Residual Resistance, Maximum
2 ohms
Input Voltage, Maximum
350 Vac
Power rating, Watts
0.5W- B taper, 0.25W- others
Dielectric Strength
1,500Vac, sea level
Insulation Resistance, Minimum
1,000 Megohms
Gang Error (Multi-ganged), Maximum
+/-3 dB (-40 dB to 0dB)
Actual Electrical Travel, Nominal
265°
Switch Contact Resistance, Maximum
150 milliohms max.
Switch Power Rated
0.5A at 30Vdc
1
Specifications subject to change without notice.


Similar Part No. - P260

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
P260 TTELEC-P260 Datasheet
1Mb / 7P
Detent and wire lead options
logo
UN Semiconducctor INC
P2600DM UNSEMI-P2600DM Datasheet
2Mb / 6P
Thyristor Surge Suppressors (TSS)
Revision March 1,2022
logo
Teccor Electronics
P2600E TECCOR-P2600E Datasheet
1Mb / 212P
solid state crowbar devices
logo
Littelfuse
P2600E LITTELFUSE-P2600E Datasheet
173Kb / 3P
TO-92 SIDACtor solid state protection devices protect telecommunications equipment such
logo
Shanghai Yint Electroni...
P2600E YINT-P2600E Datasheet
591Kb / 4P
Thyristor Surge Suppressors (TSS)
More results

Similar Description - P260

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P270 BITECH-P270 Datasheet
290Kb / 3P
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
logo
C-Media Electronics
P232-SEC20BR100K CMEDIA-P232-SEC20BR100K Datasheet
408Kb / 3P
24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/ Bushing RoHS Compliant
logo
Bi technologies
P170S BITECH-P170S_10 Datasheet
148Kb / 6P
17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element
P232 BITECH-P232 Datasheet
84Kb / 3P
24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/Bushing RoHS Compliant
P233 BITECH-P233 Datasheet
84Kb / 3P
24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/ Bushing RoHS Compliant
P272 BITECH-P272_09 Datasheet
157Kb / 4P
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applicatoins Sealed Unit Available RoHS Compliant
logo
List of Unclassifed Man...
P231-FA20BR5K ETC2-P231-FA20BR5K Datasheet
65Kb / 3P
24mm Rotary Potentiometer Conductive Plastic Element
logo
Bi technologies
P270 BITECH-P270_14 Datasheet
158Kb / 4P
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant
logo
Vishay Siliconix
PRV6 VISHAY-PRV6_17 Datasheet
216Kb / 6P
Fully Sealed Potentiometer Cermet or Conductive Plastic
04-Jul-17
PRV6 VISHAY-PRV6_V01 Datasheet
205Kb / 7P
Fully Sealed Potentiometer Cermet or Conductive Plastic
15-Jun-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com