Electronic Components Datasheet Search
  English  ▼

X  

P260 Datasheet(PDF) 2 Page - Bi technologies

Part # P260
Description  12.7mm ( 1/2??) Square Rotary Potentiometer Sealed or Dust Proof Conductive Plastic Element 1,000
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

P260 Datasheet(HTML) 2 Page - Bi technologies

  P260 Datasheet HTML 1Page - Bi technologies P260 Datasheet HTML 2Page - Bi technologies P260 Datasheet HTML 3Page - Bi technologies P260 Datasheet HTML 4Page - Bi technologies P260 Datasheet HTML 5Page - Bi technologies P260 Datasheet HTML 6Page - Bi technologies P260 Datasheet HTML 7Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Model P260/P261
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
July 14, 2011
page 2 of 7
BI technologies
MECHANICAL
Total Mechanical Travel
295
°± 10°
Static Stop Strength
40 oz-in
Rotational Torque, Maximum
1.5 oz-in ( 0.5 oz-in each additional gang)
Switch Detent, Minimum
2.0 oz-in
ENVIRONMENTAL
Operating Temperature Range
-55
°C to +125°C
Rotational Life
1,000,000 cycles
IP Rating
Sealed = IP66
Dust Proof = IP50
ORDERING INFORMATION2
P260P/P261P – POTENTIOMETER MODULE
P260S/P261S – WITH ROTARY SWITCH MODULE
2
Contact our customer service for custom designs and features.
P260 P - D 2 A F 1 C B 100K
Model Series
Total Resistance
Style
Seal Type
S = Sealed
D = Dust Proof
Bushing & Shaft Combinations
See below
Full CCW Shaft Position See below
Tapers
A = Audio
B = Linear
C = Reverse Audio
Number of Gangs
(Up to 6)
Shaft Length “L” See Code below
Shaft Type See below
P260 S - D 2 A F 1 C B 100K
Model Series
Total Resistance
Style
Seal Type
S = Sealed
D = Dust Proof
Bushing & Shaft Combinations
See below
Full CCW Shaft Position See below
Tapers
A = Audio
B = Linear
C = Reverse Audio
Number of Gangs
(Up to 5)
Shaft Length “L” See Code below
Shaft Type See below



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com