Electronic Components Datasheet Search
  English  ▼

X  

PAM2304 Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM2304
Description  3MHz, 1A Step-Down DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2304 Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM2304 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 11Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PAM2304
3MHz, 1A Step-Down DC-DC Converter
7
,
Power Analog Microelectronics Inc
www.poweranalog.com
Typical Performance Characteristics
T =25 C, C =10 F, C =10 F, L=1 H, unless otherwise noted.
A
IN
O
O
μ
μ
μ
0.1
0.15
0.2
0.25
0.3
0.35
0.4
2
3
4
5
6
Input Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
20
70
120
Temperature(℃)
Vi n=4.2V
Vi n=3.6V
Vi n=2.7V
R
VS Input Voltage
dson
Rdson VS Temperature
Vin=3.6V
Quiescent Current VS Input Voltage
Oscillator Frequency VS Input Voltage
11/2011 Rev1.1
35
37
39
41
43
45
47
2.5
3
3. 5
4
4. 5
5
5. 5
Inpu t Volta ge (V)
1.2V
1. 5V
1.8V
2. 5V
2.8V
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
1.2V
1.5V
1.8V
2.5V
2.8V
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com