Electronic Components Datasheet Search
  English  ▼

X  

PAM2304 Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM2304
Description  3MHz, 1A Step-Down DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2304 Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM2304 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 13Page - Power Analog Micoelectronics PAM2304 Datasheet HTML 14Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Ordering Information
PAM 2304 X X X xxx
Output Voltage
Number of Pins
Package Type
Pin Configuration
11
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2304
3MHz, 1A Step-Down DC-DC Converter
Pin Configuration
Package Type
Number of Pins
Output Voltage
A Type
5 pins
B Type
6 pins
C Type
8 pins
A: TSOT-23
K: TDFN22-6
G: TDFN22-8
B: 5
F: 6
C: 8
ADJ: Adjustable
11/2011 Rev1.1
Part Num ber
Output Voltage
Package Type
Standard P ackage
PAM2304AABADJ
ADJ
TSOT-23-5
3,000Units/Tape&Reel
PAM2304BKFADJ
ADJ
TDFN22-6
3,000Units/Tape&Reel
PAM2304CGCADJ
ADJ
TDFN22-8
3,000Units/Tape&Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com