Electronic Components Datasheet Search
  English  ▼

X  

PAM2305D Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM2305D
Description  1A Step-Down DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2305D Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM2305D Datasheet HTML 1Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 2Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 3Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 4Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 5Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 6Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 7Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 8Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical Characteristic
T =25
, V =3.6V, V =1.8V, C =10µF, C =10µF, L=4.7µH, unless otherwise noted.
A
IN
O
IN
O
°C
4
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2305D
1A Step-Down DC-DC Converter
PARAMETER
SYMBOL
Test Conditions
MIN
TYP
MAX
UNITS
Input Voltage Range
VI N
2.5
5.5
V
Regulated Feedback Voltage
VFB
0.588
0.6
0.612
V
Reference Voltage Line Regulation
ΔV
FB
0.3
%/V
Regulated Output Voltage Accuary
VO
IO = 100mA
-3
+3
%
Peak Induc tor Current
IPK
VIN=3V,VFB = 0.5V or
VO=90%
1.5
A
Output Voltage Line Regulation
LNR
VIN = 2.5V to 5V, IO= 10mA
0.2
0.5
%/V
Output Voltage Load Regulation
LDR
IO=1mA to 1A
1.5
%
Quiescent Current
IQ
No load
40
70
µA
Shutdown Current
ISD
VEN = 0V
0.1
1
µA
VO = 100%
1.2
1.5
1.8
MHz
Oscillator Frequency
fOSC
VFB = 0V or VO = 0V
500
kHz
P MO SFET
0.3
0.45
Ω
Drain-Source On-State Res istance
RDS(O N)
IDS=100mA
N MOSFET
0.35
0.5
Ω
SW Leakage Current
ILSW
±0.01
1
µA
EN Threshold High
VEH
1.5
V
EN Threshold Low
VEL
0.3
V
EN Leakage Current
IEN
±0.01
µA
Over Temperature Protection
OTP
150
°C
OTP Hysteresis
OTH
30
°C
02/2012 Rev1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com