Electronic Components Datasheet Search
  English  ▼

X  

PAM2305D Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM2305D
Description  1A Step-Down DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2305D Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM2305D Datasheet HTML 1Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 2Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 3Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 4Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 5Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 6Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 7Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 8Page - Power Analog Micoelectronics PAM2305D Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2305D
1A Step-Down DC-DC Converter
Typical Performance Characteristics
°C
T =25
, C =10 F, C =10 F, L=4.7 H, unless otherwise noted.
A
IN
O
μ
μ
μ
02/2012 Rev1.1
Efficiency vs Input Voltage (Vo=1.2V)
Efficiency vs Output Current (
)
Vo=1.5V
Efficiency vs Input Voltage (Vo=1.5V)
Efficiency vs Output Current (Vo=1.8V)
Eifficiency vs Input Voltage (Vo=1.8V)
Efficiency vs Output Current (Vo=1.2V)
60
65
70
75
80
85
90
95
2. 5
3. 0
3.5
4.0
4.5
5.0
5.5
Input Voltage(V)
Io=10mA
Io=100mA
Io=1000mA
40
50
60
70
80
90
100
1
10
100
1000
Output Current (mA)
Vin=3.6V
Vin=4.2V
Vin=5.0V
60
65
70
75
80
85
90
95
2.5
3.0
3.5
4.0
4.5
5.0
5. 5
Input Voltage(V)
Io=10mA
Io=100mA
Io=1000mA
40
50
60
70
80
90
100
1
10
100
1000
Output Current(mA)
Vin=3.6V
Vin=4.2V
Vin=5.0V
60
65
70
75
80
85
90
95
2.5
3.5
4.5
5.5
Input Voltage(V)
Io=10mA
Io=100mA
Io=1000mA
40
50
60
70
80
90
100
1
10
100
1000
Output Current(mA)
Vin=3.6V
Vin=4.2V
Vin=5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com