Electronic Components Datasheet Search
  English  ▼

X  

PAM2310 Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM2310
Description  2A Low Noise Step-Down DC-DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2310 Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM2310 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 10Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
0
20
40
60
80
100
120
2
3
4
5
6
Input Voltage(V)
PAM2310
2A Low Noise Step-Down DC-DC Converter
6
www.poweranalog.com
,
Power Analog Microelectronics Inc
0.584
0.586
0.588
0.590
0.592
0.594
0.596
0.598
0.600
0.602
2
3
4
5
6
Input Voltage
I =100mA
I =600mA
I =800mA
0.590
0.595
0.600
0.605
0.610
0.615
0.620
0
50
100
150
Temperature(℃)
Reference Voltage VS Load Current
0.58
0.584
0.588
0.592
0.596
0.6
0.604
0
200
400
600
800
Load Current
Vin=2.7V
Vin=3.6V
Vin=4.2V
Output Voltage VS Load Current
Vin=4.5V
Reference Voltage VS Input Voltage
Reference Voltage VS Temperature
Rdson VS Input Voltage
0
10
20
30
40
50
60
40
60
80
100
120
140
Temperature(℃)
Dynamic Supply Current VS Temperature
Vo=1.2V
Vin=4.5V
ILoad=0A
Typical Performance Characteristics
°C
T =25
, C =22uF,Co=22 F, unless otherwise noted.
A
IN
μ
05/2011 Rev1.0
1.170
1.175
1.180
1.185
1.190
1.195
1.200
1.205
1.210
0
500
1000
1500
2000
Output Current(mA)
Vin=3.6V
Vin=5.0V
Vin=5.5V
P-MOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com